Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7529BJS Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7529BJS
Description  5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7529BJS Datasheet(HTML) 4 Page - Exar Corporation

  MP7529BJS Datasheet HTML 1Page - Exar Corporation MP7529BJS Datasheet HTML 2Page - Exar Corporation MP7529BJS Datasheet HTML 3Page - Exar Corporation MP7529BJS Datasheet HTML 4Page - Exar Corporation MP7529BJS Datasheet HTML 5Page - Exar Corporation MP7529BJS Datasheet HTML 6Page - Exar Corporation MP7529BJS Datasheet HTML 7Page - Exar Corporation MP7529BJS Datasheet HTML 8Page - Exar Corporation MP7529BJS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7529B
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
ANALOG OUTPUTS2
Output Capacitance
COUTA/B
120
120
pF
DAC inputs all 1’s
COUTA/B
50
50
pF
DAC inputs all 0’s
POWER SUPPLY
Supply Current
IDD
1
1
mA
All digital inputs = 0 V or 5 V
2
2
mA
All digital inputs = VIL or VIH
TIMING SPECIFICATIONS4
Chip Select to Write Set-Up Time
tCS
60
80
ns
Chip Select to Write Hold Time
tCH
15
20
ns
DAC Select to Write Set-Up Time
tAS
60
80
ns
DAC Select to Write Hold Time
tAH
15
20
ns
Data Valid to Write Set-Up Time
tDS
60
80
ns
Data Valid to Write Hold Time
tDH
00
ns
Write Pulse Width5
tWR
60
80
ns
NOTES:
Specifications are subject to change without notice
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested.
3
Digital input levels should not go below GND or exceed the positive supply voltage, otherwise damage may occur.
4
See timing diagram.
5
tWR = 40ns minimum if tDH > 15ns (@T = 25°C)
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2, 3
VDD to GND
0 to +7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality Guaranteed +0.5 V)
Digital Input Voltage to GND
GND –0.5 to VDD +0.5 V
. . . .
IOUTA, IOUTB to GND
GND –0.5 to VDD +0.5 V
. . . . . . . . . . .
VREFA, VREFB to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
VRFBA, VRFBB to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds)
+300
°C
. . . . . .
Package Power Dissipation Rating to 75
°C
PDIP, SOIC, PLCC
900mW
. . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
12mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
3
GND refers to AGND and DGND.


Similar Part No. - MP7529BJS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JN EXAR-MP7523JN Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JS EXAR-MP7523JS Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KN EXAR-MP7523KN Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KS EXAR-MP7523KS Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
More results

Similar Description - MP7529BJS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
   LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
   5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com