Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4912-UTLS2-TR Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS31AP4912-UTLS2-TR
Description  STEREO HEADPHONE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4912-UTLS2-TR Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS31AP4912-UTLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4912-UTLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IS31AP4912
Integrated Silicon Solution, Inc. – www.issi.com
4
Rev. C, 12/23/2015
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VCC
-0.3V ~ +6.0V
Voltage at any input pin
-0.3V ~ VCC+0.3V
Maximum junction temperature, TJMAX
150°C
Storage temperature range, TSTG
-65°C ~ +150°C
Operating temperature range, TA
-40°C ~ +85°C
Thermal resistance, θJA
63.1°C/W
ESD (HBM)
ESD (CDM)
±8kV
±1kV
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
VCC = 2.7V ~ 5.5V, TA = 25°C, unless otherwise noted. Typical value is TA = 25°C, VCC = 3.6V.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage
2.7
5.5
V
ICC
Quiescent current
No load
3
5.5
mA
ISD
Shutdown current
VSDB = 0V
1
µA
fOSC
Operating frequency
250
kHz
|VOS| Output offset voltage
VIN = 0V
1
mV
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.4
V
ELECTRICAL CHARACTERISTICS (NOTE 1)
TA = 25°C, VCC = 3.6V, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PO
Output power
THD+N = 1%, RL = 32Ω, f = 1kHz
30
mW
THD+N
Total harmonic distortion
plus noise
PO = 20mW, RL = 32Ω, f = 1kHz
0.024
%
tWU
Wake-up time from
shutdown
39
ms
PSRR Power supply rejection ratio
VP-P = 200mV, RL = 32Ω, f = 217Hz
-95
dB
VP-P = 200mV, RL = 32Ω, f = 1kHz
-93
dB
VNO
Output voltage noise
7
µV
SNR
Signal-to-noise ratio
PO = 30mW, THD+N = 0.1%
103
dB
Note 1:
Guaranteed by design.


Similar Part No. - IS31AP4912-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
More results

Similar Description - IS31AP4912-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
TDK Electronics
WM2002 TDK-WM2002 Datasheet
332Kb / 12P
   Stereo Headphone Driver with Wolfson
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com