Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4990D-UTLS2-TR Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31AP4990D-UTLS2-TR
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4990D-UTLS2-TR Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31AP4990D-UTLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4990D-UTLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IS31AP4990D
Integrated Silicon Solution, Inc. – www.issi.com
1
Rev. C, 06/24/2014
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
June 2014
DESCRIPTION
The IS31AP4990D has been designed for demanding
audio applications such as mobile phones and permits
the reduction of the number of external components.
It is capable of delivering 1.2W of continuous RMS
output power into an 8Ω load @ 5V.
An externally-controlled shutdown mode reduces the
supply current to less than 1μA. It also includes
internal thermal shutdown protection.
The unity-gain stable amplifier can be configured by
external gain setting resistors.
FEATURES
Operating from VCC = 2.7V ~ 5.5V
1.2W output power @ VCC = 5V, THD+N= 1%,
f = 1kHz, with 8Ω load
Ultra-low consumption in shutdown mode (1μA)
Near-zero pop & click
Ultra-low distortion
Unity gain stable
UTQFN-9L (1.5mm × 1.5mm) package
APPLICATIONS
Mobile phones
PDAs
Portable electronic devices
Notebook computer
TYPICAL APPLICATION CIRCUIT
Figure 1
Typical Application Circuit (Single-ended Input)


Similar Part No. - IS31AP4990D-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results

Similar Description - IS31AP4990D-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com