Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4991A-GRLS2-TR Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS31AP4991A-GRLS2-TR
Description  1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4991A-GRLS2-TR Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS31AP4991A-GRLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4991A-GRLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IS31AP4991A
Integrated Silicon Solution, Inc. – www.issi.com
Rev. C, 05/13/2013
5
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply voltage, VCC
-
0.3V ~ +6.0V
Voltage at any input pin
-
0.3V ~ VCC+0.3V
Maximum junction temperature, TJMAX
150°C
Storage temperature range, TSTG
-
65°C ~ +150°C
Operating temperature range, TA
−40°C ~ +85°C
Maximum power dissipation, SOP-8(25°C/85°C) (Note 2)
MSOP-8(25°C/85°C)
720mW/380mW
590mW/310mW
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2:
Thermal simulation @ 25°C /85°C ambient temperature, still air convection, 2s2p boards according to JESD51. The Pd (max by package)
is evaluated by (Tjmax-Ta)/Theta-Ja.
ELECTRICAL CHARACTERISTICS
The following specifications apply for CIN = 0.1μF, RIN = RF = 20kΩ, CBYPASS = 0.47μF, unless otherwise specified.
Limits apply for TA = 25°C. VCC=5V (Note 3 or specified)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ICC
Quiescent power supply current
VCC = 0V, Io = 0A, no Load
3.0
mA
ISDB
Shutdown current
VSDB = GND, RL = ∞
1
μA
VSD_H
Shutdown voltage input high
VCC = 5.5V
1.4
V
VSD_L
Shutdown voltage input low
VCC = 2.7V
0.4
V
VOS
Output offset voltage
15
mV
Po
Output power (8Ω)
THD+N = 1%; f = 1kHz
1.15
W
THD+N = 10%; f = 1kHz
1.40
tWU
Wake-up time (Note 4)
CBYPASS = 0.47μF
100
250
ms
THD+N
Total harmonic distortion+noise
(Note 4)
Po = 0.5Wrms; f = 1kHz
0.074
%
PSRR
Power supply rejection ratio
(Note 4)
Vripple p-p = 200mV
Input Grounded
f = 217Hz
56
dB
f = 1kHz
68
The following specifications apply for CIN = 0.1μF, RIN = RF = 20kΩ, CBYPASS = 0.47μF, unless otherwise specified.
Limits apply for TA= 25°C. VCC=3V (Note 3 or specified)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ICC
Quiescent power supply current
VCC = 0V, Io = 0A, no Load
2.2
mA
ISDB
Shutdown current
VSDB = GND, RL = ∞
1
μA
Po
Output power (8Ω)
THD+N = 1%; f = 1kHz
380
mW
THD+N = 10%; f = 1kHz
490
tWU
Wake-up time (Note 4)
CBYPASS = 0.47μF
90
200
ms
THD+N
Total harmonic distortion+noise
(Note 4)
Po = 0.3Wrms; f = 1kHz
0.076
%
Note 3:
Production testing of the device is performed at 25°C. Functional operation of the device and parameters specified over other
temperature range, are guaranteed by design, characterization and process control.
Note 4:
Guaranteed by design.


Similar Part No. - IS31AP4991A-GRLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results

Similar Description - IS31AP4991A-GRLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4871 UTC-PA4871_15 Datasheet
277Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4861MX TI1-LM4861MX Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com