Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB3NB60FD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGB3NB60FD
Description  N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB3NB60FD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGB3NB60FD Datasheet HTML 4Page - STMicroelectronics STGB3NB60FD Datasheet HTML 5Page - STMicroelectronics STGB3NB60FD Datasheet HTML 6Page - STMicroelectronics STGB3NB60FD Datasheet HTML 7Page - STMicroelectronics STGB3NB60FD Datasheet HTML 8Page - STMicroelectronics STGB3NB60FD Datasheet HTML 9Page - STMicroelectronics STGB3NB60FD Datasheet HTML 10Page - STMicroelectronics STGB3NB60FD Datasheet HTML 11Page - STMicroelectronics STGB3NB60FD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD
8/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.066
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.60
0.620
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
øP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 MECHANICAL DATA


Similar Part No. - STGB3NB60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 3A - 600V TO-263 PowerMESH IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HDT4 STMICROELECTRONICS-STGB3NB60HDT4 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
More results

Similar Description - STGB3NB60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
   N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH??IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
June 2005 Rev.9
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
   N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
   N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com