Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H604 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H604
Description  SMT COMMON MODE CHOKES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H604 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H604 Datasheet HTML 1Page - Pulse A Technitrol Company H604 Datasheet HTML 2Page - Pulse A Technitrol Company H604 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H604.C (02/12)
1
pulseelectronics.com
SMT COMMON MODE CHOKES
for PoE+ Applications
RoHS peak reflow temperature rating 245°C
Meets IEEE 802.3 specification
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -0°C to +70°C
Part
Number1,2,3
SRF
(TYP)
MAX Inter-winding
Capacitance (pF)
Leakage Inductance
(µH MAX)
OCL
(±35%)
DC Resistance
(
Ω MAX)
Impedance
Curves
4
H6500NL
110 MHz
8
0.12
15 µH
0.15
1
H6501NL
60 MHz
15
0.15
30 µH
0.20
2
H6502NL
42 MHz
18
0.20
60 µH
0.25
3
H6503NL
26 MHz
25
0.25
100 µH
0.30
4
H6504NL
7.0 MHz
10
0.20
250 µH
0.18
5
H6505NL
5.5 MHz
18
0.25
500 µH
0.28
6
H6506NL
2.6 MHz
30
0.30
1 mH
0.35
7
H6507NL
300 MHz
120
1.0
20 mH
1.50
8
Notes:
1. Turns Ratio: (1 - 4) : (5 - 8) = 1:1 (±3%)
2. Between channel isolation: 500 VAC @ 60 seconds
3. Polarity: per schematic
4.
For Tape & Reel packaging, add a “T” suffix to the end of the part number when ordering (i. e. H6500NL becomes becomes H6500NLT).
5. See charts page 2


Similar Part No. - H604

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60400-1 COOPER-H60400-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60400-1 COOPER-H60400-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60400-3 COOPER-H60400-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60400-3 COOPER-H60400-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results

Similar Description - H604

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0353NLT PULSE-P0353NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
PL8202NL PULSE-PL8202NL Datasheet
126Kb / 2P
   SMT COMMON MODE CHOKES
PL2477 PULSE-PL2477 Datasheet
460Kb / 2P
   SMT COMMON MODE CHOKES
logo
Allied Components Inter...
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
   SMT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
P0473T PULSE-P0473T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0351NLT PULSE-P0351NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0420T PULSE-P0420T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0473NLT PULSE-P0473NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0429NLT PULSE-P0429NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com