Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG21M-HM3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYG21M-HM3
Description  Fast Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG21M-HM3 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYG21M-HM3 Datasheet HTML 1Page - Vishay Siliconix BYG21M-HM3 Datasheet HTML 2Page - Vishay Siliconix BYG21M-HM3 Datasheet HTML 3Page - Vishay Siliconix BYG21M-HM3 Datasheet HTML 4Page - Vishay Siliconix BYG21M-HM3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYG21K-M3/HM3, BYG21M-M3/HM3
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
1
Document Number: 89476
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Avalanche SMD Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated pellet chip junction
• Low reverse current
• Soft recovery characteristic
• Fast reverse recovery time
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters,
converters,
and
freewheeling
diodes
for
consumer, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
800 V, 1000 V
IFSM
30 A
IR
1.0 μA
VF
1.6 V
trr
120 ns
ER
20 mJ
TJ max.
150 °C
Package
DO-214AC (SMA)
Diode variation
Single die
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG21K
BYG21M
UNIT
Device marking code
BYG21K
BYG21M
Maximum repetitive peak reverse voltage
VRRM
800
1000
V
Average forward current
IF(AV)
1.5
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Pulse energy in avalanche mode, non repetitive
(inductive load switch off) I(BR)R = 1 A, TJ = 25 °C
ER
20
mJ
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - BYG21M-HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG21M-HE3 VISHAY-BYG21M-HE3 Datasheet
92Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
More results

Similar Description - BYG21M-HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
97Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24D TAYCHIPST-BYG24D Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG24JHE3 VISHAY-BYG24JHE3 Datasheet
86Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG21K VISHAY-BYG21K_V01 Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D_V01 Datasheet
99Kb / 4P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
BYG21K VISHAY-BYG21K_13 Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
BYG21M-E3-TR VISHAY-BYG21M-E3-TR Datasheet
92Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG24 VISHAY-BYG24 Datasheet
68Kb / 3P
   Fast Avalanche SMD Rectifier
Rev. 1.2, 19-Oct-04
BYG24D-E3 VISHAY-BYG24D-E3 Datasheet
90Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com