Electronic Components Datasheet Search |
|
VE1812K151R115 Datasheet(PDF) 1 Page - Kemet Corporation |
|
VE1812K151R115 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 15 page 1 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com V0003_VE • 10/26/2016 One world. One KEMET Benefits • Surface mount form factor • Operatingambienttemperatureof−55°Cto+150°C • Superioroperatingperformanceratedat150°C (AEC-Q200 compliance) • Operating voltage range of 3 V to 170 V • AC voltage range (Vrms) of 2 V to 130 V • High resistance to cyclic temperature stress • Lowleakagecurrentsafter1,000hoursratedat150°C • High energy absorption capability • Available case sizes: 0603, 0805, 1206, 1210, 1812, 2220 • Short response time • Broad range of current and energy handling capabilities • Low clamping voltage – Uc • Non-sensitivetomildlyactivatedfluxes • Barrier type end terminations solderable with Pb-free solders according to JEDEC J–STD–020C and IEC 60068–2–58 • UL 1499, 3rd edition and CSA C22.2 File E326499 Section 8 • RoHS 2 2011/65/EC, REACH compliant • AEC-Q200qualifiedGrade1 Overview KEMET's VE series of high temperature, low voltage varistors are designed to protect sensitive electronic devices against high voltage surges in the low voltage region. In addition to superior operating performance at rated150°C(AEC–Q200compliance)theyofferexcellent transient energy absorption due to improved energy volume distribution and power dissipation. Applications Typical applications include transient over-voltage protection in automotive assembly motors and controllers as well as surge protection of non-automotive electronic products exposed to over-heating, i.e., consumer, telecommunication or industrial. Load dump and jump start protection of 12 to 24 V supply systems. Protection of integrated circuits and other components at the circuit board level including the suppression of inductive switching or other transient events such as surge voltage. ESD protection for components sensitive to IEC 1000–4–2, MILSTD 883C Method 3015.7 and other industry spec. Replacement of larger surface mount TVS Zeners in many applications. Designed to achieve electromagnetic compliance of end products and provide on-board transient voltage protection of ICs and transistors. Surface Mount Varistors VE Series High Temperature 150°C Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - VE1812K151R115 |
|
Similar Description - VE1812K151R115 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |