Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBR1L60A Datasheet(PDF) 1 Page - Rohm

Part # RBR1L60A
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBR1L60A Datasheet(HTML) 1 Page - Rohm

  RBR1L60A Datasheet HTML 1Page - Rohm RBR1L60A Datasheet HTML 2Page - Rohm RBR1L60A Datasheet HTML 3Page - Rohm RBR1L60A Datasheet HTML 4Page - Rohm RBR1L60A Datasheet HTML 5Page - Rohm RBR1L60A Datasheet HTML 6Page - Rohm RBR1L60A Datasheet HTML 7Page - Rohm RBR1L60A Datasheet HTML 8Page - Rohm RBR1L60A Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RBR1L60A
lApplication
lDimensions (Unit : mm)
lLand Size Figure (Unit : mm)
General rectification
lFeatures
1) Small power mold type
(PMDS)
2) High reliability
3) Low VF
lStructure
lConstruction
lTaping Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
c= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
-
-
0.53
V
Reverse current
IR
-
-
75
mA
Parameter
60
150
-55 to +150
VR=60V
Direct reverse voltage
1
IF=1.0A
Conditions
non-repetitive at Ta=25ºC
-
-
Forward voltage
Symbol
Limits
Unit
60
Parameter
Conditions
Duty≦0.5
A
IFSM
Non-repetitive forward current surge peak
60Hz half sin wave, one cycle,
30
A
Average forward rectified current
Io
Glass epoxy board mounted, 60Hz half sin wave,
resistive load , Tc=130ºC Max.
2.6±0.15
0.1±0.02
2.0±0.2
1.5±0.2
1
2
PMDS
Anode
Cathode
2
ROHM : PMDS
1
: Manufacture Date
JEDEC : SOD-106
2.0
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ 1.55±0.05
φ 1.55
0.3
2.8MAX
f
f
1/5
2015.05 - Rev.A


Similar Part No. - RBR1L60A

ManufacturerPart #DatasheetDescription
logo
Rohm
RBR1L30A ROHM-RBR1L30A Datasheet
609Kb / 9P
   Schottky Barrier Diode
RBR1L40A ROHM-RBR1L40A Datasheet
630Kb / 6P
   Schottky Barrier Diode
RBR1LAM30A ROHM-RBR1LAM30A Datasheet
778Kb / 8P
   Schottky Barrier Diode
RBR1LAM30ATF ROHM-RBR1LAM30ATF Datasheet
2Mb / 9P
   Schottky Barrier Diode
RBR1LAM40A ROHM-RBR1LAM40A Datasheet
778Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RBR1L60A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com