Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31FL3193-DLS2-TR Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31FL3193-DLS2-TR
Description  9-CHANNEL LIGHT EFFECT LED DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3193-DLS2-TR Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31FL3193-DLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3193-DLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IS31FL3193
Integrated Silicon Solution, Inc. – www.issi.com
1
Rev. C, 11/27/2014
3-CHANNEL FUN LED DRIVER
December 2014
GENERAL DESCRIPTION
IS31FL3193 is a 3-channel fun LED driver which
features two-dimensional auto breathing mode. It has
One Shot Programming mode and PWM Control mode
for RGB lighting effects. The maximum output current
can be adjusted in 5 levels (5mA~42mA).
In PWM Control mode, the PWM duty cycle of each
output can be independently programmed and
controlled in 256 steps to simplify color mixing. In One
Shot Programming mode, the timing characteristics for
output current - current rising, holding, falling and off
time, can be adjusted individually so that each output
can independently maintain a pre-established pattern
achieving mixing color breathing or a single color
breathing without requiring any additional interface
activity, thus saving valuable system resources.
IS31FL3193 is available in DFN-10 (3mm × 3mm). It
operates from 2.7V to 5.5V over the temperature range
of -40°C to +85°C.
FEATURES
One group RGB, single color LED breathing
system-free pre-established pattern
3 independently controlled automatic and
semiautomatic breathing system-free
pre-established pattern
I2C interface, automatic address increment
function
3 independently controlled outputs of 256 PWM
steps
2.7V to 5.5V supply voltage
5 levels programmable output current
Over-temperature protection
Operating temperature TA = −40°C ~ +85°C
DFN-10 (3mm × 3mm) package
APPLICATIONS
Mobile phones and other hand-held devices for
LED display
LED in home appliances
TYPICAL APPLICATION CIRCUIT
SDA
SCL
SDB
IS31FL3193
OUT1
OUT2
OUT3
VBattery
VCC
1 F0.1 F
Micro
Controller
4.7k
4.7k
VDD
2
9
8
1
7
3
4
5
100k
VBattery
AD
GND
6
V_BM
1 F
10
4.7k
Figure 1
Typical Application Circuit
Note:
The IC should be placed far away from the mobile antenna in order to prevent the EMI.


Similar Part No. - IS31FL3193-DLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
More results

Similar Description - IS31FL3193-DLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3196 ISSI-IS31FL3196 Datasheet
394Kb / 15P
   6-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3196A ISSI-IS31FL3196A Datasheet
404Kb / 17P
   6-CHANNEL LIGHT EFFECT LED DRIVER
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
   9-channel LED Driver
November 2014 - Rev. P0
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
   9-channel LED Driver
March, 2014
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
AMC7123 ETC1-AMC7123 Datasheet
104Kb / 1P
   Flash Light LED Driver
logo
ADDtek Corp
AMC7123 ADDTEK-AMC7123 Datasheet
97Kb / 8P
   FLASH LIGHT LED DRIVER
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com