Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R82MC1220DQ50K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R82MC1220DQ50K
Description  Film, Metallized Polyester Stacked, Commercial Grade, R82, 2200 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82MC1220DQ50K Datasheet(HTML) 1 Page - Kemet Corporation

  R82MC1220DQ50K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - bf4048a7-f868-43ab-9b25-97c2a0d1dd9c
KEMET Part Number: R82MC1220DQ50K
Film, Metallized Polyester Stacked, Commercial Grade, R82, 2200 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.2mm
H
6.5mm +0.1mm
T
2.5mm +0.1mm
S
5mm +/-0.4mm
H0
18mm +/-0.5mm
F
0.5mm +/-0.05mm
Packaging Specifications
Packaging: Ammo, 360x340x59mm, Box
Packaging Quantity: 3500
General Information
Dielectric: Metallized Polyester Stacked
Style: Radial
Series: R82
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 2200 pF
Capacitance Tolerance: 10%
Voltage DC: 400 VDC
Voltage AC: 200 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.8% 1kHz, 1.2% 10kHz, 2.5%
100kHz
Insulation Resistance: 30 GOhms
Max dVdt: 400 V
Inductance: 7 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R82MC1220DQ50K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82MC1220AA50K KEMET-R82MC1220AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2200 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82MC1220DQ50K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82MC1220AA50K KEMET-R82MC1220AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2200 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82EC1220DQ50K KEMET-R82EC1220DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2200 pF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82MC1470DQ50K KEMET-R82MC1470DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 4700 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82MC1330DQ50K KEMET-R82MC1330DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 3300 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82MC1680DQ50K KEMET-R82MC1680DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 6800 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82MC1100AA50K KEMET-R82MC1100AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1000 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82MC1330AA50K KEMET-R82MC1330AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 3300 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82MC1150DQ50K KEMET-R82MC1150DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1500 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82EC1220CK50J KEMET-R82EC1220CK50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2200 pF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC1220AA50J KEMET-R82EC1220AA50J Datasheet
54Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 2200 pF, 5%, 100 V, 85C, Lead Spacing = 5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com