Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31LT3360-SDLS3-EBAIC Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS31LT3360-SDLS3-EBAIC
Description  40V/1.2A LED DRIVER WITH INTERNAL SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3360-SDLS3-EBAIC Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3360-SDLS3-EBAIC Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31LT3360-SDLS3-EBAIC Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IS31LT3360
Integrated Silicon Solution, Inc. – www.issi.com
10
Rev. C, 12/22/2013
APPLICATION INFORMATION
SETTING NOMINAL AVERAGE OUTPUT
CURRENT WITH EXTERNAL RESISTOR RS
The nominal average output current in the LED(s) is
determined by the value of the external current sense
resistor (RS) connected between VIN and ISENSE
pins and in is given by Equation (1):
S
NOM
OUT
R
I
1
.
0
_
(1)
Note that RS=0.083Ω is the minimum allowed value
of sense resistor under these conditions to maintain
switch current below the specified maximum value. It
is possible to use different values of RS if the ADJ pin
is driven from an external voltage.
The table below gives values of nominal average
output current for several preferred values of current
setting resistor (RS) in the typical application circuit
Figure 1:
RS (Ω)
Nominal Average Output
Current (mA)
0.083
1200
0.15
667
0.3
333
The above values assume that the ADJ pin is floating
and at a nominal voltage of VREF =1.2V.
Rs need to be chosen 1% accuracy resistor with
enough power tolerance and good temperature
characteristic to ensure stable output current.
OUTPUT CURRENT ADJUSTMENT BY
EXTERNAL DC CONTROL VOLTAGE
The ADJ pin can be driven by an external DC voltage
(VADJ), as shown in Figure 16, to adjust the output
current to a value above or below the nominal
average value defined by RS.
Figure 16
Dimming by External DC Voltage
The nominal average output current in this case is
given by Equation (2):
S
ADJ
DC
OUT
R
V
I
083
.
0
_
(2)
For 0.3V< VADJ <1.2V.
Note that 100% brightness setting corresponds to
VADJ = VREF. When driving the ADJ pin above 1.2V,
the current will be clamped to 100% brightness
automatically.
The input impedance of the ADJ pin is 500kΩ (Typ.).
OUTPUT CURRENT ADJUSTMENT BY PWM
CONTROL
Directly Driving ADJ Input
A Pulse Width Modulated (PWM) signal with duty
cycle DPWM can be applied to the ADJ pin, as shown
in Figure 17, to adjust the output current to a value
below the nominal average value set by resistor RS,
the signal range is from 0V~5V.The logic “HIGH” is
higher than 1.2V, the logic “LOW” is lower than
0.2V.The PWM signal must have the driving ability to
drive internal 500kΩ pull-up resistor.
Figure 17
PWM Dimming Control Via ADJ Pin
Driving The ADJ Input From A Microcontroller
Another possibility is to drive the chip from the open
drain output of a microcontroller. The Figure 18
below shows one method of doing this:
Figure 18
Dimming By MCU
The diode and resistor suppress possible high
amplitude negative spikes on the ADJ input resulting
from the drain-source capacitance of the FET.
Negative spikes at the input to the chip should be
avoided as they may cause errors in output current or
erratic device operation.
SHUTDOWN MODE
Taking the ADJ pin to a voltage below 0.2V will turn
off the output and supply current will fall to a low
standby level of 120μA nominal.
INHERENT OPEN-CIRCUIT LED PROTECTION
If the connection to the LED(s) is open-circuited, the
coil is isolated from the LX pin of the chip, so the chip
will not be damaged, unlike in many boost converters,
where the back EMF may damage the internal switch
by forcing the drain above its breakdown voltage.
CAPACITOR SELECTION
A low ESR capacitor should be used for input
decoupling, as the ESR of this capacitor appears in


Similar Part No. - IS31LT3360-SDLS3-EBAIC

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - IS31LT3360-SDLS3-EBAIC

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com