Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T350G106K035AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T350G106K035AT
Description  Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T350G106K035AT Datasheet(HTML) 1 Page - Kemet Corporation

  T350G106K035AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - a727447c-dde3-4a26-ae94-2d845a6a1b0e
KEMET Part Number: T350G106K035AT
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing
= 2.54mm
Dimensions
D
6.3mm
H
10.2mm
S
2.54mm +/-0.38mm
LL
12.7mm +/-1.26mm
F
0.5mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: Radial
Series: T350
Description: Radial, Solid Tantalum,
Conformal, Dipped
Features: Low Leakage
RoHS: Yes
Termination: Tin
Notes: Longest Lead Is Positive
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 10%
Voltage DC: 35 VDC (85C), 28 VDC (125C
Surge), 0.35 V (125C Reverse)
Temperature Range: -55/+125C
Dissipation Factor: 6%
Leakage: 2.8 uAmps
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T350G106K035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350G106K035AT7301 KEMET-T350G106K035AT7301 Datasheet
70Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
More results

Similar Description - T350G106K035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350E475K035AT KEMET-T350E475K035AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 4.7 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
T350A474K035AT KEMET-T350A474K035AT Datasheet
75Kb / 1P
   T350, Tantalum, MnO2 Tantalum, Commercial Grade, 0.47 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm
T350C106K010AT KEMET-T350C106K010AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 10%, 10 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
T350D335K035AT KEMET-T350D335K035AT Datasheet
74Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 3.3 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm
T350C225K035AT KEMET-T350C225K035AT Datasheet
74Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 2.2 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
T350A104K035AT KEMET-T350A104K035AT Datasheet
74Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 0.1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm
T350A105K035AT KEMET-T350A105K035AT Datasheet
74Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing =2.54mm
T350F685K035AT KEMET-T350F685K035AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 6.8 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
T350G106M035AT KEMET-T350G106M035AT Datasheet
74Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm
T350B106K006AT KEMET-T350B106K006AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 10%, 6.3 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 2.54mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com