Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T527I476M006ATE200 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T527I476M006ATE200
Description  T527 Facedown Polymer Electrolytic (3216 Case Size)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T527I476M006ATE200 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T527I476M006ATE200_16 Datasheet HTML 2Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 3Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 4Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 5Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 6Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 7Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 8Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 9Page - Kemet Corporation T527I476M006ATE200_16 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2069_T527 • 9/16/2016
66
KEMET Organic Capacitor (KO-CAP®) – Miniature
T527 Facedown Polymer Electrolytic (3216 Case Size)
Reverse Voltage
Polymerelectrolyticcapacitorsarepolardevicesandmaybepermanentlydamagedordestroyedifconnectedinthewrong
polarity.Thesedeviceswillwithstandasmalldegreeoftransientvoltagereversalforshortperiodsasshowninthebelow
table.
Temperature
Permissible Transient Reverse Voltage
25°C
15%ofRatedVoltage
55°C
10%ofRatedVoltage
85°C
5%ofRatedVoltage
105°C
3%ofRatedVoltage
125°C*
1%ofRatedVoltage
*For Series Rated to 125°C
Table 2 – Land Dimensions/Courtyard
KEMET
Metric
Size Code
Dimensions (mm)
Minimum – Maximum
Case
EIA
G
Z
X
Y
I
3216–10
1.00–1.65
3.25–3.80
1.1–1.30
0.8–1.40
(JEITA RC-2371 is recommended for reference)
X
Y
X
Y
Z
G


Similar Part No. - T527I476M006ATE200_16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T527I476M006ATE200 KEMET-T527I476M006ATE200_17 Datasheet
88Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 47 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 1mm
More results

Similar Description - T527I476M006ATE200_16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
   Polymer FaceDown, Low ESR, Low ESL
T527I476M006ATE200 KEMET-T527I476M006ATE200_17 Datasheet
88Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 47 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 1mm
T527I107M004ATE200 KEMET-T527I107M004ATE200_17 Datasheet
88Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 100 uF, 20%, 4 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 1mm
T527I336M010ATE200 KEMET-T527I336M010ATE200_17 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 33 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 1mm
T527I476M010ATE200 KEMET-T527I476M010ATE200_17 Datasheet
88Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 47 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 1mm
T527I226M010ATE200 KEMET-T527I226M010ATE200_17 Datasheet
88Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 22 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 1mm
T527I107M006ATE100 KEMET-T527I107M006ATE100_17 Datasheet
88Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 100 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 100 mOhms, 1mm
T527I107M006ATE200 KEMET-T527I107M006ATE200 Datasheet
62Kb / 1P
   T527, Tantalum, Polymer Tantalum, Reduced Volume, 100 uF, 20%, 6.3 VDC, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 3216, Height Max = 1mm
T527S106M025ATE150 KEMET-T527S106M025ATE150 Datasheet
55Kb / 1P
   T527, Tantalum, Polymer Tantalum, Reduced Volume, 10 uF, 20%, 25 VDC, SMD, Polymer, Molded, Face Down Terminals, 150mOhms, 3216, Height Max = 1.2mm
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com