Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-160-003-A Datasheet(PDF) 2 Page - API Technologies Corp

Part # 52-160-003-A
Description  Barrier Strip Filtered Terminal Blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

52-160-003-A Datasheet(HTML) 2 Page - API Technologies Corp

  52-160-003-A Datasheet HTML 1Page - API Technologies Corp 52-160-003-A Datasheet HTML 2Page - API Technologies Corp 52-160-003-A Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Barrier Strip
Filtered Terminal Blocks
FA20
A
B
C
.56
(14.2)
.20
(5.1)
.438
(11.1)
#6-32 WIRE
CLAMP
SCREWS
.40
(10.2)
.65
(16.5)
Ø.19 thru (2X)
(4.8)
.093 x 45° Chamfer x 4
Ø.312
(7.9)
.032
(.81)
.032
(.81)
.76
(19.3)
.79
(20.1)
.31
(7.9)
.38
(9.7)
.062
(1.6)
GROUND
PLANE
A
C
1.00
(25.4)
B
.275
(7.0)
.212
(5.4)
(2X)
.062
(1.6) X
.032
(.81)
D
.415
(10.5)
.80
(20.3)
.75
(19.0)
#6-32UNC-2A THD
COMBO HEAD
SCREWS
.059
(1.5)
GROUND
PLANE
.100
(2.54)
4-40 THREADED
THRU GROUNDING
STANDOFF (2X)
Ø.312 TYP.
(7.9)
.032
(.81) TYP.
.062
(1.6)
.65
(16.5)
Numberof
AB
C
PartNumber
Circuits
in.
(mm)
in.
(mm)
in.
(mm)
52-160-002-A
2
1.71
(43.4)
1.31
(33.3)
1.02
(25.9)
52-160-003-A
3
2.15
(54.6)
1.75
(44.5)
1.46
(37.1)
52-160-004-A
4
2.59
(65.8)
2.19
(55.6)
1.90
(48.3)
52-160-005-A
5
3.02
(76.7)
2.62
(66.5)
2.32
(58.9)
52-160-006-A
6
3.46
(87.9)
3.06
(77.7)
2.77
(70.4)
Front panel mount
Rear panel mount
Numberof
AB
C
D
PartNumber Circuits in. (mm) in. (mm) in. (mm) in. (mm)
52-188-002-A
2
1.31
(33.3)
.438
(11.1)
1.86
(47.3)
1.02
(25.9)
52-188-003-A
3
1.75
(44.4)
.875
(22.2)
2.30
(58.4)
1.46
(37.1)
52-188-004-A
4
2.19
(55.6)
1.313
(33.3)
2.74
(69.5)
1.90
(48.3)
52-188-005-A
5
2.62
(66.6)
1.750
(44.4)
3.17
(80.6)
2.32
(58.9)
52-188-006-A
6
3.06
(77.7)
2.188
(55.6)
3.61
(91.7)
2.77
(70.4)
20Amps
20Amps
Dimensions in inches
(mm)
Dimensions in inches
(mm)
Also available through API’s authorized European distributors/agents.


Similar Part No. - 52-160-003-A

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
52-160-003-A SPECTRUM-52-160-003-A Datasheet
124Kb / 2P
   Barrier Strip Filtered Terminal Blocks
More results

Similar Description - 52-160-003-A

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
52-188-002-A SPECTRUM-52-188-002-A Datasheet
124Kb / 2P
   Barrier Strip Filtered Terminal Blocks
logo
API Technologies Corp
52F257-002 APITECH-52F257-002 Datasheet
97Kb / 1P
   250 Volt AC Rated Filtered Terminal Blocks
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
   Barrier Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
List of Unclassifed Man...
6312-45 ETC2-6312-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com