Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26MT140 Datasheet(PDF) 4 Page - International Rectifier

Part # 26MT140
Description  THREE PHASE BRIDGE Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

26MT140 Datasheet(HTML) 4 Page - International Rectifier

  26MT140 Datasheet HTML 1Page - International Rectifier 26MT140 Datasheet HTML 2Page - International Rectifier 26MT140 Datasheet HTML 3Page - International Rectifier 26MT140 Datasheet HTML 4Page - International Rectifier 26MT140 Datasheet HTML 5Page - International Rectifier 26MT140 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
26MT../36MT.. Series
Bulletin I2771 rev. E 04/03
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
60
80
100
120
140
160
0
5
10
15
20
25
30
120°
(Rect)
26MT.. Series
Total Output Current (A)
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
Instantaneous Forward Voltage (V)
26MT.. Series
Per Junction
T= 15O°C
T= 25°C
J
J
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5 K/W
4 K
/W
3
K/W
2
K/W
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
120°
(Rect)
Total Output Current (A)
26MT.. Series
T= 150°C
J
80
100
120
140
160
180
200
220
240
260
280
300
320
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
26MT.. Series
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
80
120
160
200
240
280
320
360
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
26MT.. Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J


Similar Part No. - 26MT140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MT140 VISHAY-26MT140 Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
26MT140 VISHAY-26MT140 Datasheet
203Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
More results

Similar Description - 26MT140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2023
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2023
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V01 Datasheet
112Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2022
VS-131MT...C VISHAY-VS-131MT...C_V01 Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com