Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060592032 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1060592032
Description  Optical Industrial Adapter, Industrial SC to SC Simplex, APC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1060592032 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1060592032 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1060592032
Status:
Active
Overview:
Optical Connectivity Solutions
Description:
Optical Industrial Adapter, Industrial SC to SC Simplex, APC
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Adapters
Series
106059
Component Type
Industrial-Sealed
Mode
N/A
Overview
Optical Connectivity Solutions
Product Name
SC
Type
Adapter
UPC
822350269018
Physical
Alignment Sleeve
Ceramic
Angled Physical Contact (APC)
Yes
Color - Resin
Black
Ferrule Material
Ceramic
Gender
Female-Female
Material - Housing
Polymer
Mounting Style
Panel Nut
Net Weight
38.220/g
Orientation
Straight
Panel Mount
Front
Ports
1
Shutter
No
Electrical
Shield Type
N/A
Shielded
No
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
860592032
Reference - Drawing Numbers
Sales Drawing
SD-106059-203X
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
106059 Series
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1060592032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060592032 MOLEX-1060592032 Datasheet
50Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, APC
1060592032 MOLEX-1060592032_V01 Datasheet
50Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, APC
More results

Similar Description - 1060592032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060592032 MOLEX-1060592032_V01 Datasheet
50Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, APC
1060592030 MOLEX-1060592030 Datasheet
50Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, Singlemode
1060592031 MOLEX1-1060592031 Datasheet
51Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, Multimode
1060592031 MOLEX-1060592031_V01 Datasheet
50Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, Multimode
1060594100 MOLEX1-1060594100 Datasheet
62Kb / 1P
   Optical Industrial Adapter, Industrial SC In-Line, Singlemode
1060594110 MOLEX1-1060594110 Datasheet
62Kb / 1P
   Optical Industrial Adapter, Industrial SC, In-Line, Multimode
106273-0707 MOLEX11-106273-0707 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730705 MOLEX1-1062730705 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0703 MOLEX11-106273-0703 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730702 MOLEX1-1062730702 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com