Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC34076 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC34076
Description  Video Interface Palette
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC34076 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC34076 Datasheet HTML 3Page - Texas Instruments TLC34076 Datasheet HTML 4Page - Texas Instruments TLC34076 Datasheet HTML 5Page - Texas Instruments TLC34076 Datasheet HTML 6Page - Texas Instruments TLC34076 Datasheet HTML 7Page - Texas Instruments TLC34076 Datasheet HTML 8Page - Texas Instruments TLC34076 Datasheet HTML 9Page - Texas Instruments TLC34076 Datasheet HTML 10Page - Texas Instruments TLC34076 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
1–1
1 Introduction
The TLC34076C and TLC34076M are commercial and military versions, respectively, of a Texas
Instruments video interface palette (VIP) designed for lower system cost with a higher level of integration.
Lower system cost and higher integration are achieved by incorporating all the high-speed timing,
synchronizing, and multiplexing logic usually associated with graphics systems into one device, thus greatly
reducing chip count. Since all high-speed signals (excluding the clock source) are contained on-chip, RF
noise considerations are simplified. Maximum flexibility is provided through the pixel multiplexing scheme,
which allows for 32-, 16-, 8-, and 4-bit pixel buses to be accommodated without any circuit modification. This
enables the system to be easily reconfigured for varying amounts of available video RAM (VRAM). Data can
be split into 1, 2, 4, or 8 bit-planes. The TLC34076 is software-compatible with the IMSG176/8 and
Brooktree
 BT476/8 color palettes.
The TLC34076 VIP is pin-for-pin compatible with the TLC34075 VIP, but contains additional 24- and 16-bit
true-color modes, as well as the ability to select little-endian or big-endian data formats for the pixel bus
frame buffer interface.
The TLC34076 features a separate VGA bus that allows data from the feature connector of most
VGA-supported personal computers to be fed directly into the palette without the need for external data
multiplexing. This allows a replacement graphics board to remain downward compatible by utilizing the
existing graphics circuitry often located on the motherboard.
The 24- and 16-bit true-color modes that are provided allow bits of color information to be transferred directly
from the pixel port to the digital-to-analog converters (DACs). Depending on which true-color mode is
selected, an overlay function is provided using the remaining bits of the pixel bus. The 24-bit modes allow
overlay with the eight remaining bits of the pixel bus, while the TARGA
 (5-5-5) 16-bit mode allows overlay
with the one remaining bit of the divided pixel bus.
The TLC34076 has a 256-by-24 color lookup table with triple 8-bit video D/A converters capable of directly
driving a doubly terminated 75-
line. Sync generation is incorporated on the green output channel. HSYNC
and VSYNC are fed through the device and optionally inverted to indicate screen resolution to the monitor.
A palette page register provides the additional bits of palette address when 1, 2, or 4 bit-planes are used.
This allows the screen colors to be changed with only one MPU write cycle.
Clocking is provided through one of four or five inputs (three TTL compatible and either one ECL compatible
or two TTL compatible) and is software selectable. The video and shift clock outputs provide a
software-selected divide ratio of the chosen clock input.
The TLC34076 can be connected directly to the serial port of VRAM devices, eliminating the need for any
discrete logic. Support for split shift register transfers is also provided.
1.1
Features
Versatile Multiplexing Interface to Allow Lower Pixel Bus Rate
High Level of Integration to Provide Lower System Cost and Complexity
Direct VGA Pass-Through Capability
Versatile Pixel Bus Interface to Support Little-Endian and Big-Endian Data Formats
True-Color (direct-addressing) Mode to Support Various 24-Bit and 16-Bit Formats
Compatible with 5-6-5 XGA Format
Compatible with 5-5-5 TARGA Format
Interfaces Directly to TMS34010/TMS34020 and Other Graphics Processors
Triple 8-bit D/A Converters
Brooktree is a trademark of the Brooktree Corporation.
TARGA is a registered trademark of Truevision Incorporated.


Similar Part No. - TLC34076

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34076 TI1-TLC34076 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TLC34076-110FN TI1-TLC34076-110FN Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TLC34076-135 TI1-TLC34076-135 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TLC34076-135FN TI1-TLC34076-135FN Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TLC34076-135MGA TI1-TLC34076-135MGA Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
More results

Similar Description - TLC34076

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TLC34076 TI1-TLC34076_16 Datasheet
415Kb / 69P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34075 TI-TLC34075 Datasheet
284Kb / 52P
[Old version datasheet]   Video Interface Palette
TVP3026M TI1-TVP3026M_12 Datasheet
495Kb / 97P
[Old version datasheet]   Video Interface Palette
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3026M TI-TVP3026M Datasheet
457Kb / 95P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com