Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1064152115 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1064152115
Description  iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable Diameter, 15.0m Cable Length
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1064152115 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1064152115 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/20/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1064152115
Status:
Active
Overview:
Optical Connectivity Solutions
Description:
iPASS+™ HD-to-iPASS+™ HD AOC Assembly, Multimode, 50/125µm, 3.00mm Cable
Diameter, 15.0m Cable Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
106415
Boot Type
N/A
Connector to Connector
iPass+™ HD-to-iPass+™ HD
Mode
Multimode
Overview
Optical Connectivity Solutions
Product Name
AOC, iPass+™ HD
UPC
889056484503
Physical
Cable Length
15.0m
Cable Size
3.00mm
Fiber (Core/Cladding)
50/125µm
Net Weight
204.100/g
Single Ended
No
Wire/Cable Type
Fiber Optic, Round
Material Info
Reference - Drawing Numbers
Sales Drawing
1064152105-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
106415 Series
Mates With
iPass+™ HD Cage and Receptacle 76866 ,
iPass+™ HD Internal Cable and Connector
Assembly 76867
Use With
Mini SAS HD 2.1 4X Cable Assembly
111068 , 111077 , Internal Cable
Assemblies 100190
This document was generated on 03/20/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1064152115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1064152110 MOLEX1-1064152110 Datasheet
45Kb / 1P
   iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable
More results

Similar Description - 1064152115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1064152120 MOLEX1-1064152120 Datasheet
45Kb / 1P
   iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable Diameter, 20.0m Cable Length
1064152105 MOLEX1-1064152105 Datasheet
45Kb / 1P
   iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable Diameter, 5.0m Cable Length
1064152107 MOLEX1-1064152107 Datasheet
45Kb / 1P
   iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable
1064152150 MOLEX1-1064152150 Datasheet
45Kb / 1P
   iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable Diameter, 50.0m Cable Length
1064152199 MOLEX1-1064152199 Datasheet
45Kb / 1P
   iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable Diameter, 100.0m Cable Length
1064152110 MOLEX1-1064152110 Datasheet
45Kb / 1P
   iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable
106415-2020 MOLEX11-106415-2020 Datasheet
52Kb / 1P
   iPASS High Density AOC Assembly (iPass to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 20.00m
106415-2005 MOLEX11-106415-2005 Datasheet
52Kb / 1P
   iPASS High Density AOC Assembly (iPass-to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 5.00m
106415-2050 MOLEX11-106415-2050 Datasheet
52Kb / 1P
   iPASS High Density AOC Assembly (iPass-to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 50.00m
106415-2010 MOLEX11-106415-2010 Datasheet
52Kb / 1P
   iPASS High Density AOC Assembly (iPass to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 10.00m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com