Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKL18A Datasheet(PDF) 3 Page - StarHope

Part # PKL18A
Description  Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKL18A Datasheet(HTML) 3 Page - StarHope

  PKL18A Datasheet HTML 1Page - StarHope PKL18A Datasheet HTML 2Page - StarHope PKL18A Datasheet HTML 3Page - StarHope PKL18A Datasheet HTML 4Page - StarHope PKL18A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPSEMI
www.spsemi.cn
Page 3 of
5
Ratings and Characteristic Curves (TA=25
unless otherwise noted)
Fig.1 Peak Pulse Power Rating Cure
Fig.2 Typical Junction Capacitance
Fig.3 Pulse Waveform
0
0
1.0
2.0
4.0
3.0
10/1000uS
Waveform
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
T=25
J
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
td-Pulse Width (Sec.)
1.0
10.0
100.0
1
100
1000
100000
V
-Reverse Breakdown Voltage(V)
BR
Bi-directional V=0V
Uni-directional V=0V
Bi-directional @VR
Uni-directional @VR
T=25
J
.
f=1 0MHZ
V
=50mV
sig
p-p
1000.0
10
10000
1
10
100
100
150
200
250
300
Number of Cycles at 60HZ
Fig.4 Maximum Non-repetitive Forward Surge
Fig.5 Ri-Vs chart for ISO-16750-2 Test A : 12V System
85
80
90
100
95
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
V (volt)
S
Td:150ms
Fig.6 Power Derating Cure
0
0
25
50
75
100
125
150
20
40
60
80
100
120
AMBIENT TEMPERATURE(
)
..
.
PKL(4KW) Series
td
REV 2016 08 10


Similar Part No. - PKL18A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PKL14A128ATFM4(R) FREESCALE-PKL14A128ATFM4(R) Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
PKL14A128ATFT4(R) FREESCALE-PKL14A128ATFT4(R) Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
PKL14A128ATLH4(R) FREESCALE-PKL14A128ATLH4(R) Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
PKL14A128ATLK4(R) FREESCALE-PKL14A128ATLK4(R) Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
PKL14A128ATPP4(R) FREESCALE-PKL14A128ATPP4(R) Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
More results

Similar Description - PKL18A

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-PKS SPSEMI-ASS-PKS Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKT SPSEMI-ASS-PKT Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
ASS-PKA SPSEMI-ASS-PKA Datasheet
156Kb / 4P
   Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
logo
New Jersey Semi-Conduct...
30KPA NJSEMI-30KPA Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
StarHope
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
   Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com