Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV0512S-W1 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPV0512S-W1
Description  0.11W 3KVDC Isolated Single & Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV0512S-W1 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPV0512S-W1 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV0512S-W1 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV0512S-W1 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPV-W1 3.3V,5V,9V,12V&15V Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
The TPV-W1 series are miniature, isolated 0.1W DC/DC converters in a SIP and DIP package.
They offer the ideal solution in many space critical applications for board level power distribution.
The Internal SMD construction makes it possible to offer a product with high performance at low
cost. The series offers smaller size, improved efficiency and 3KVDC isolation.
0.11W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant
Efficiency to 80%
Power density up to 0.85W/cm
3
Operating temperature: -40ºC to 85ºC
Single or dual output
UL 94V-0 package material
Power sharing on dual output
3KVDC isolation (1 minute)
Input voltage: 3.3V,5V,9V,12V,15V
CE certification
/
Output voltage: 3.3V,5V,9V,12V,15V,24V /±5V,±9V,±12V,±15V
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPV0303DA-W1
3.3
3.3
30.3/3.03
72
DIP
TPV0305DA-W1
3.3
5
20.0/2.0
72
DIP
TPV0503DA-W1
5
3.3
30.3/3.03
73
DIP
TPV0505DA-W1
5
5
20.0/2.0
72
DIP
TPV0509DA-W1
5
9
11.1/1.11
75
DIP
TPV0512DA-W1
5
12
8.4/0.84
76
DIP
TPV0515DA-W1
5
15
6.7/0.67
78
DIP
TPV0524DA-W1
5
24
4.2/0.42
79
DIP
TPV0303SA-W1
3.3
3.3
30.3/3.03
72
SIP
TPV0305SA-W1
3.3
5
20.0/2.0
72
SIP
TPV0503SA-W1
5
3.3
30.3/3.03
73
SIP
TPV0505SA-W1
5
5
20.0/2.0
83
SIP
TPV0509SA-W1
5
9
11.1/1.11
75
SIP
TPV0512SA-W1
5
12
8.4/0.84
76
SIP
TPV0515SA-W1
5
15
6.7/0.67
78
SIP
TPV0524SA-W1
5
24
4.2/0.42
79
SIP
TPV0909SA-W1
9
9
11.1/1.11
79
SIP
TPV0915SA-W1
9
15
6.7/0.67
82
SIP
TPV1205DA-W1
12
5
20.0/2.0
72
DIP
TPV1209DA-W1
12
9
11.1/1.11
75
DIP
TPV1212DA-W1
12
12
8.4/0.84
77
DIP
TPV1215DA-W1
12
15
6.7/0.67
78
DIP
TPV1205SA-W1
12
3.3
30.3/3.03
70
SIP
TPV1205SA-W1
12
5
20.0/2.0
72
SIP
TPV1209SA-W1
12
9
11.1/1.11
75
SIP
TPV1212SA-W1
12
12
8.4/0.84
77
SIP
TPV1215SA-W1
12
15
6.7/0.67
78
SIP
TPV1224SA-W1
12
24
4.2/0.42
79
SIP
TPV1505DA-W1
15
5
20.0/2.0
69
DIP
TPV1505SA-W1
15
5
20.0/2.0
72
SIP
TPV1509SA-W1
15
9
11.1/1.11
73
SIP
TPV1512SA-W1
15
12
8.4/0.84
74
SIP
TPV1515SA-W1
15
15
6.7/0.67
78
SIP
TPV0505D-W1
5
±5
±10.0/±1.0
72
DIP
TPV0509D-W1
5
±9
±5.5/±0.55
77
DIP
TPV0512D-W1
5
±12
±4.3/±0.43
78
DIP
TPV0515D-W1
5
±15
±3.3/±0.33
80
DIP
TPV0505S-W1
5
±5
±10.0/±1.0
72
SIP
TPV0509S-W1
5
±9
±5.5/±0.55
77
SIP
TPV0512S-W1
5
±12
±4.3/±0.43
78
SIP
TPV0515S-W1
5
±15
±3.3/±0.33
80
SIP
TPV0518S-W1
5
±18
±2.7/±0.27
79
SIP
TPV1205D-W1
12
±5
±10.0/±1.0
72
DIP
TPV1209D-W1
12
±9
±5.5/±0.55
74
DIP
TPV1212D-W1
12
±12
±4.3/±0.43
76
DIP
TPV1215D-W1
12
±15
±3.3/±0.33
77
DIP


Similar Part No. - TPV0512S-W1

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV0512S-W1 TOPPOWER-TPV0512S-W1 Datasheet
814Kb / 3P
   0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV0512S-W1

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV-W25 TOPPOWER-TPV-W25_V01 Datasheet
823Kb / 3P
   0.25W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com