Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51-750-322 Datasheet(PDF) 4 Page - API Technologies Corp

Part # 51-750-322
Description  Low Pass EMI Filters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

51-750-322 Datasheet(HTML) 4 Page - API Technologies Corp

  51-750-322 Datasheet HTML 1Page - API Technologies Corp 51-750-322 Datasheet HTML 2Page - API Technologies Corp 51-750-322 Datasheet HTML 3Page - API Technologies Corp 51-750-322 Datasheet HTML 4Page - API Technologies Corp 51-750-322 Datasheet HTML 5Page - API Technologies Corp 51-750-322 Datasheet HTML 6Page - API Technologies Corp 51-750-322 Datasheet HTML 7Page - API Technologies Corp 51-750-322 Datasheet HTML 8Page - API Technologies Corp 51-750-322 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
54-786-003
54-785-002
54794002X5R101M
54803004X5R101M
54802002X5R101M
¦
54794002X5R471M
¦
54803004X5R471M
54802002X5R471M
¦
54802002X5V102P
¦
54803004X5V102P
¦
54794002X5V102P
¦
54-786-077
32
16
47
33
4
54
41
60
45
12
12
12
15
15
15
20
66
48
10
10
10
22
22
22
25
25
25
25
Solder-in Filters
Minimum Insertion Loss (dB)
50
100
250
250
250
250
250
250
250
250
250
750
Rated Voltage
125°C
DC
I
Amp
Cap*
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
* Tolerances are +100/-0% unless noted.
Solder-in C Circuit
See
Pg. LP3
for Fig.
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
1
MHz
1
1
4
3
2
4
3
2
2
3
4
5
10
10
25
25
25
25
25
25
25
25
25
10
0.30 µF
0.05 µF (min)
100 pF ± 20%
100 pF ± 20%
100 pF ± 20%
470 pF ± 20%
470 pF ± 20%
470 pF ± 20%
1000 pF
1000 pF
1000 pF
1000pF
70
50
20
20
20
25
25
25
35
35
35
35
70
50
20
20
20
25
25
25
40
40
40
40
A
0.156
0.125
B
0.203
0.184
(3.96)
(3.18)
(5.16)
(4.67)
In
In
(mm)
(mm)
LP4


Similar Part No. - 51-750-322

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-707-006 APITECH-51-707-006 Datasheet
55Kb / 1P
   Pi SOLDER-IN FILTER
51-709-004 APITECH-51-709-004 Datasheet
39Kb / 1P
   Pi RESIN SEAL FILTER
logo
Advanced Technical Mate...
51-710 ATM-51-710 Datasheet
76Kb / 1P
   SHORT TERMINATION
logo
API Technologies Corp
51-712-001 APITECH-51-712-001 Datasheet
43Kb / 1P
   Pi RESIN SEAL FILTER
51-712-014 APITECH-51-712-014 Datasheet
49Kb / 1P
   FEED THRU RESIN SEAL FILTER
More results

Similar Description - 51-750-322

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
   LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
   Low Pass Filters
REV. OR
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
   LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
   LOW PASS & HIGH PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com