Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI-3112-007 Datasheet(PDF) 6 Page - API Technologies Corp

Part # SCI-3112-007
Description  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SCI-3112-007 Datasheet(HTML) 6 Page - API Technologies Corp

Back Button SCI-3112-007 Datasheet HTML 2Page - API Technologies Corp SCI-3112-007 Datasheet HTML 3Page - API Technologies Corp SCI-3112-007 Datasheet HTML 4Page - API Technologies Corp SCI-3112-007 Datasheet HTML 5Page - API Technologies Corp SCI-3112-007 Datasheet HTML 6Page - API Technologies Corp SCI-3112-007 Datasheet HTML 7Page - API Technologies Corp SCI-3112-007 Datasheet HTML 8Page - API Technologies Corp SCI-3112-007 Datasheet HTML 9Page - API Technologies Corp SCI-3112-007 Datasheet HTML 10Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
.600 ± .031
(15.24 ± .79)
.093
(2.36)
.187
(4.75) Ref.
.336
(8.53)
#8–32 Unc–2A Thd.
.132 ± .031
(3.40 ± .79)
.187 Hex.
(4.75)
ø .040 ± .005
(1.02 ± .13)
Figure 1
.187
(4.75) Hex.
Figure 2
H ± .031
(H ± .79)
L ± .031
(L ± .79)
.266
(6.77)
.093
(2.36)
ø .032 ± .005
(0.81 ± .13)
.050
(1.27)
#8–32 Unc–2A Thd.
.187
(4.75) Hex.
Figure 3
.320 ± .031
(8.13 ± .79)
.150
(3.81)
.500 ± .031
(12.70 ± .79)
.320
(8.13)
Ref.
ø .032 ± .005
(0.81 ± .13)
#8–32 Unc-2A Thd.
.187
(4.75) Hex.
Figure 4
.31 Min.
(7.9 Min.)
.150
(3.81)
#8–32 Unc–2A Thd.
.216
(5.49)
.49 Min.
(12.45 Min.)
ø .032 ± .005
(0.81 ± .13)
.315
(8.00) Max.
.906 ± .031
(23.01 ± .79)
.475 ± .031
(12.06 ± .79)
ø .032 ± .005
(.81 ± .13)
#8–32 Unc–2A Thd.
.050
(1.27)
.216
(5.49)
.311 ± .031
(7.90 ± .79)
.187
(4.75)
.093
(2.36)
Figure 5
.162 ± .031
(4.11 ± .79)
.062
(1.57)
.138
(3.51)
.238 ± .031
(6.05 ± .79)
.025
(0.64)
#8–32 Unc–2A Thd.
ø .040 ± .005
(1.02 ± .13)
18 Awg.
.187
(4.75) Hex.
Figure 6
9
10
14
17
17
20
7
10
18
20
20
38
5
5
5
15
27
28
30
5
5
5
10
8
5
5
5
14
28
45
30
30
65
15
15
15
35
34
34
38
15
15
15
15
10
15
15
15
30
40
65
65
65
75
45
45
45
65
43
41
42
35
25
45
30
48
45
45
45
55
65
70
70
65
75
50
60
60
70
50
50
52
45
35
45
40
50
65
65
65
70
70
Minimum Insertion Loss (dB)
50
50
70
70
100
100
100
100
100
100
100
125
125
125
125
125
200
200
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Supplied with .040" (1.02mm) diameter lead.
Also available through API’s authorized European distributors/agents.
*
Denotes parts with turret lead.
51-712-069 €
¦
51-712-065
¦
1250-054
¦
1293-001
51-712-055
¦
51-712-014
51-712-028
¦
51-712-063*
¦
51-712-003 ◊
51-712-060 ◊
¦
51-712-067
51-762-006
¦
1250-059
¦
51-762-005
1250-062
¦
51-744-003*
¦
SCI-3223-000
¦
1250-003 €
¦
51-712-001*
1250-049
¦
51-744-002 ◊
¦
1293-000
Fig.
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
2
4
2
3
2
2
5
2
2
2
2
6
6
6
1
1
2
2
2
2
2
3
10
20
10
10
10
10
10
10
10
10
10
15
15
15
15
15
10
10
10
10
10
10
0.012 µF
0.012 µF
5000 pF
0.028 µF
3000 pF
3000 pF
3000 pF
5500 pF
0.022 µF
0.022 µF
0.031 µF
65 pF
1500 pF
1500 pF
3000 pF
3000 pF
2000 pF
3000 pF
3000 pF
3000 pF
5500 pF
0.012 µF
70
70
70
75
50
60
60
70
60
60
60
16
60
50
70
65
70
70
70
65
70
70
70
70
70
75
50
60
60
70
60
60
60
42
60
50
70
65
70
70
70
60
70
70
L
70
70
70
70
70
85
85
85
115
AC
In
(mm)
5
10
7
10
10
5
1
MHz
CKT
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
LB
LB
LB
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
M15733
MIL
Number
/61-0014
/43-0002
/28-0001
/28-0002
/61-0008
/28-0004
/61-0013
/44-0003
/44-0002
/44-0001
H
In
(mm)
0.265
0.310
0.312
0.312
0.312
0.312
0.280
0.312
0.280
0.312
0.312
0.312
0.312
0.265
(6.73)
(7.87)
(7.92)
(7.92)
(7.92)
(7.92)
(7.11)
(7.92)
(7.11)
(7.92)
(7.92)
(7.92)
(7.92)
(6.73)
0.413
0.490
0.500
0.578
0.890
0.500
0.850
0.890
0.890
0.890
0.890
0.890
0.578
0.413
(10.49)
(12.45)
(12.70)
(14.68)
(22.61)
(12.70)
(21.59)
(22.61)
(22.61)
(22.61)
(22.61)
(22.61)
(14.68)
(10.49)
Dimensions in inches
(mm)
8-32 L & Pi Circuit
LP17


Similar Part No. - SCI-3112-007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-3112-000 APITECH-SCI-3112-000 Datasheet
3Mb / 43P
   Low Pass EMI Filters
More results

Similar Description - SCI-3112-007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-9110-100 APITECH-SCI-9110-100 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com