Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2490 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2490
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2490 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2490 Datasheet HTML 6Page - Texas Instruments TPS2490 Datasheet HTML 7Page - Texas Instruments TPS2490 Datasheet HTML 8Page - Texas Instruments TPS2490 Datasheet HTML 9Page - Texas Instruments TPS2490 Datasheet HTML 10Page - Texas Instruments TPS2490 Datasheet HTML 11Page - Texas Instruments TPS2490 Datasheet HTML 12Page - Texas Instruments TPS2490 Datasheet HTML 13Page - Texas Instruments TPS2490 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
V
PROG +
P
LIM
10
I
LIM
P
LIM t
T
J(MAX) * TS(MAX)
R
q
JC(MAX)
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
where PLIM is the desired power limit of M1 and ILIM is the current limit setpoint (see SENSE). PLIM is determined
by the desired thermal stress on M1:
where TJ(MAX) is the maximum desired transient junction temperature of M1 and TS(MAX) is the maximum case
temperature prior to a start or restart.
VPROG is used in conjunction with VDS to compute the (scaled) current, ID_ALLOWED, by the constant power engine.
ID_ALLOWED is compared by the gate amplifier to the actual ID, and used to generate a gate drive. If ID <
ID_ALLOWED, the amplifier turns the gate of M1 full on because there is no overload condition; otherwise GATE is
regulated to maintain the ID = ID_ALLOWED relationship.
A capacitor may be tied from PROG to ground to alter the natural constant power inrush current shape. If
properly designed, the effect is to cause the leading step of current in Figure 12 to look like a ramp.
PROG is internally pulled to ground whenever EN, POR, or UVLO are not satisfied or the TPS2490 is latched off.
This feature serves to discharge any capacitance connected to the pin. Do not apply voltages greater than 4 V to
PROG. If the constant power limit is not used, PROG should be tied to VREF through a 47-k
Ω resistor.
TIMER:
An integrating capacitor, CT, connected to the TIMER pin provides a timing function that controls the
fault-time for both versions and the restart interval for the TPS2491. The timer charges at 25 µA whenever the
TPS2490/91 is in power limit or current limit and discharges at 2.5 µA otherwise. The charge-to-discharge current
ratio is constant with temperature even though there is a positive temperature coefficient to both. If TIMER
reaches 4 V, the TPS2490 pulls GATE to ground, latch off, and discharge CT. The TPS2491 pulls GATE to
ground and attempt a restart (re-enable GATE) after a timing sequence consisting of discharging CT down to 1 V
followed by 15 more charge and discharge cycles. The TPS2490 can be reset by either cycling the EN pin or the
UVLO (e.g. power cycling). TIMER discharges when EN is low or UVLO or POR are active. The TIMER pin
should be tied to ground if this feature is not used.
PG:
This open-drain output is intended to interface to downstream dc/dc converters or monitoring circuits. PG
goes open-drain (high voltage with a pull-up) after VDS of M1 has fallen to about 1.25 V and a 9 ms deglitch time
period has elapsed. PG is false (low or low resistance to ground) whenever EN is false, VDS of M1 is above
2.5 V, or UVLO is active. PG can also be viewed as having an input and output voltage monitor function. The
9-ms deglitch circuit operates to filter short events that could cause PG to go inactive (low) such as a momentary
overload or input voltage step. VPG voltage can be greater than VVCC because it’s ESD protection is only with
respect to ground.
GND:
This pin is connected to system ground.
10


Similar Part No. - TPS2490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI1-TPS2490 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2490DGS TI-TPS2490DGS Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490DGS TI-TPS2490DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com