Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2491 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2491 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2491 Datasheet HTML 1Page - Texas Instruments TPS2491 Datasheet HTML 2Page - Texas Instruments TPS2491 Datasheet HTML 3Page - Texas Instruments TPS2491 Datasheet HTML 4Page - Texas Instruments TPS2491 Datasheet HTML 5Page - Texas Instruments TPS2491 Datasheet HTML 6Page - Texas Instruments TPS2491 Datasheet HTML 7Page - Texas Instruments TPS2491 Datasheet HTML 8Page - Texas Instruments TPS2491 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
TA
FUNCTION
PACKAGE
PART NUMBER(1)
SYMBOL
Latched
VSSOP-10
TPS2490DGS
BIY
-40
°C to 85°C
Retry
(MSOP)
TPS2491DGS
BIX
(1)
Add an R suffix to the device type for tape and reel packaging.
ABSOLUTE MAXIMUM RATINGS(1)
over operating free-air temperature range (unless otherwise noted)
UNIT
Input voltage range, VCC, SENSE, EN, OUT
-0.3 to 100
V
Output voltage range, GATE, PG
-0.3 to 100
V
Input voltage range, PROG
-0.3 to 6
V
Output voltage range, TIMER, VREF
-0.3 to 6
V
Sink current, PG
10
mA
Source current, VREF
0 to 2
mA
Sink Current, PROG
2
mA
ESD - human body model
2
kV
ESD - charged device model
500
V
Maximum junction temperature, TJ
150
°C
Storage temperature, TST
–65 to 150
°C
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VVCC
Input voltage range
9
80
V
VPROG
Input voltage range
0
4
V
IVREF
Operating current range (sourcing), VREF
0
1
mA
TJ
Operating junction temperature
-40
125
°C
TA
Operating free-air temperature
-40
85
°C
DISSIPATION RATING TABLE
PACKAGE
TA <25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
POWER RATING
ABOVE TA= 25°C
POWER RATING
POWER RATING
mW
(mW/
°C)
(mW)
(mW)
VSSOP-10 (MSOP)
376
3.76
207
150
2


Similar Part No. - TPS2491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2491 TI-TPS2491 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491 TI-TPS2491 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491 TI1-TPS2491 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2491DGS TI-TPS2491DGS Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491DGS TI-TPS2491DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com