Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-14D270K Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MOV-14D270K
Description  Metal Oxide Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-14D270K Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MOV-14D270K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-14D270K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-14D270K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-14D270K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312-2mmSMDTrimmingPotentiometer
10
1
100
1000
10-6
10-5
10-4
10-3
10-2
10-1
Current (A)
MAX. LEAKAGE CURRENT
TEST CURRENT WAVEFORM
10-6 TO 10-3 A: DIRECT CURRENT
10-1 TO 104 A: 8/20 S
MAX. CLAMPING VOLTAGE
680
560
470
390
330
270
220
180
100
1000
10000
10-6
10-5
10-4
10-3
10-2
10-1
Current (A)
182
152
112
102
911
821
781
751
681
621
561
511
471
100
10
1000
10000
10-6
10-5
10-4
10-3
10-2
10-1
Current (A)
MAX. CLAMPING VOLTAGE
431
391
361
331
301
271
241
221
201
181
151
121
101
820
MAX. CLAMPING VOLTAGE
MAX. LEAKAGE CURRENT
TEST CURRENT WAVEFORM
10-6 TO 10-3 A: DIRECT CURRENT
10-1 TO 104 A: 8/20 S
MAX. LEAKAGE CURRENT
TEST CURRENT WAVEFORM
10-6 TO 10-3 A: DIRECT CURRENT
10-1 TO 104 A: 8/20 S
100
101
102
103
104
100
101
102
103
104
100
101
102
103
104
MOV-14DxxxKSeries-MetalOxideVaristor
Performance Graphs
V-I Characteristics
MOV-14D180K to MOV-14D680K
MOV-14D820K to MOV-14D431K
MOV-14D471K to MOV-14D182K
Bourns
Part
Number
Bourns
Part
Marking
MOV-14D180K
14D180K
MOV-14D220K
14D220K
MOV-14D270K
14D270K
MOV-14D330K
14D330K
MOV-14D390K
14D390K
MOV-14D470K
14D470K
MOV-14D560K
14D560K
MOV-14D680K
14D680K
MOV-14D820K
14D820K
MOV-14D101K
14D101K
MOV-14D121K
14D121K
MOV-14D151K
14D151K
MOV-14D181K
14D181K
MOV-14D201K
14D201K
MOV-14D221K
14D221K
MOV-14D241K
14D241K
MOV-14D271K
14D271K
MOV-14D301K
14D301K
MOV-14D331K
14D331K
MOV-14D361K
14D361K
MOV-14D391K
14D391K
MOV-14D431K
14D431K
MOV-14D471K
14D471K
MOV-14D511K
14D511K
MOV-14D561K
14D561K
MOV-14D621K
14D621K
MOV-14D681K
14D681K
MOV-14D751K
14D751K
MOV-14D781K
14D781K
MOV-14D821K
14D821K
MOV-14D911K
14D911K
MOV-14D102K
14D102K
MOV-14D112K
14D112K
MOV-14D152K
14D152K
MOV-14D182K
14D182K
NOTE: The “5” marking on MOV products is for
traceability of production assembly for quality
assurance compliance.
Typical Part Marking


Similar Part No. - MOV-14D270K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-14D270K BOURNS-MOV-14D270K Datasheet
690Kb / 4P
   Metal Oxide Varistor White goods / appliances Telecom systems
More results

Similar Description - MOV-14D270K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com