Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM1008S-4R7M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM1008S-4R7M-RC
Description  Shielded Wirewound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1008S-4R7M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM1008S-4R7M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM1008S-4R7M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.54
(.100)
MAX.
3.81
(.150)
1.02
(.040)
REF.
REF.
REF.
1.27
(.050)
2.74
(.108)
MAX.
2.54
(.100)
3.81
(.150)
2.11
(.083)
MAX.
MAX.
MAX.
Features
Formerly
model
Magnetic shielding
High Q characteristic
High current rating
RoHS compliant*
Applications
Prevention of electromagnetic interference
to signals on the secondary side of
electronic equipment
PM1008S Series - Shielded Wirewound Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
General Specifications
Current Rating
............ 10 % drop in inductance at Idc
Temperature Rise
................. 15 °C max. at rated current
Operating Temperature
.................................. -40 °C to +85 °C
Storage Temperature ..... -40 °C to +85 °C
Reflow Soldering .... 230 °C; 50 sec max.
Resistance to Soldering Heat
.............................260 °C, 5 sec. max.
Materials
Core Material ................................ Ferrite
Terminal Electrode..........................Sn/Ni
Packaging.....................750 pcs. per reel
Bourns Part No.
Inductance
μH
(@100 KHz)
Tolerance
%
Q min.
(@ 1 MHz)
SRF
MHz
min.
DCR
Ω
max.
Idc
mA
max.
PM1008S-1R0M-RC
1.0
±20
35
344
0.05
3000
PM1008S-1R5M-RC
1.5
±20
35
260
0.06
2800
PM1008S-1R8M-RC
1.8
±20
35
225
0.09
2000
PM1008S-2R7M-RC
2.7
±20
38
185
0.14
1300
PM1008S-3R9M-RC
3.9
±20
38
175
0.26
1200
PM1008S-4R7M-RC
4.7
±20
38
160
0.35
1000
PM1008S-5R6M-RC
5.6
±20
38
150
0.40
1000
PM1008S-6R8M-RC
6.8
±20
38
120
0.60
850
PM1008S-100M-RC
10
±20
38
105
1.0
780
PM1008S-150M-RC
15
±20
38
35
1.2
700
PM1008S-220M-RC
22
±20
40
26
1.4
650
PM1008S-330M-RC
33
±20
45
20
1.6
500
PM1008S-390M-RC
39
±20
45
16
1.9
450
PM1008S-470M-RC
47
±20
45
14
2.5
400
PM1008S-680M-RC
68
±20
45
12
3.8
300
PM1008S-820M-RC
82
±20
45
9
4.2
280
PM1008S-101M-RC
100
±20
45
7
5.8
260
PM1008S-121M-RC
120
±20
50
6
6.2
250
PM1008S-151M-RC
150
±20
50
5.6
7.5
220
PM1008S-221M-RC
220
±20
55
4.5
10.0
210
PM1008S-331M-RC
330
±20
55
3.8
11.5
200
PM1008S-471M-RC
470
±20
55
3.0
16.5
160
PM1008S-561M-RC
560
±20
55
2.8
18.0
130
PM1008S-681M-RC
680
±20
55
2.5
24.0
120
PM1008S-821M-RC
820
±20
45
1.5
26.0
100
PM1008S-102M-RC
1000
±20
45
1.3
30.0
100
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PM1008S-4R7M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM1008S-4R7M-RC BOURNS-PM1008S-4R7M-RC Datasheet
162Kb / 2P
   Shielded Wirewound Chip Inductors
More results

Similar Description - PM1008S-4R7M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM1008S-1R0M-RC BOURNS-PM1008S-1R0M-RC Datasheet
162Kb / 2P
   Shielded Wirewound Chip Inductors
logo
RCD COMPONENTS INC.
MSI1812-1R0-MBW RCD-MSI1812-1R0-MBW Datasheet
101Kb / 1P
   SHIELDED WIREWOUND INDUCTORS
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com