Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RECE.20279.001E.01 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # RECE.20279.001E.01
Description  IPEX MHF Receptacle
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

RECE.20279.001E.01 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  RECE.20279.001E.01 Datasheet HTML 1Page - Taoglas antenna solutions RECE.20279.001E.01 Datasheet HTML 2Page - Taoglas antenna solutions RECE.20279.001E.01 Datasheet HTML 3Page - Taoglas antenna solutions RECE.20279.001E.01 Datasheet HTML 4Page - Taoglas antenna solutions RECE.20279.001E.01 Datasheet HTML 5Page - Taoglas antenna solutions RECE.20279.001E.01 Datasheet HTML 6Page - Taoglas antenna solutions RECE.20279.001E.01 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPE-16-8-032/A/NW
Page 4 of 7
Gas H2S 3+/-1ppm
Duration 96 hours
Salt Water Spray
Temperature: 35+/-2°C
Salt Water Density: 5+/-1% (by weight)
Duration: 48 Hours


Similar Part No. - RECE.20279.001E.01

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
RECE.20369.001E.01 TAOGLAS-RECE.20369.001E.01 Datasheet
216Kb / 7P
   IPEX MHFIII Receptacle
RECE.20449.001E.01 TAOGLAS-RECE.20449.001E.01 Datasheet
255Kb / 7P
   Compatible with Murata HSC
More results

Similar Description - RECE.20279.001E.01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RECE20279001E ETC1-RECE20279001E Datasheet
267Kb / 1P
   IPEX MHF (U.FL comp) receptacle
logo
Taoglas antenna solutio...
PC11.07.0100A TAOGLAS-PC11.07.0100A Datasheet
320Kb / 10P
   IPEX MHF Connector
RECE-20279-001E.01 TAOGLAS-RECE-20279-001E.01 Datasheet
280Kb / 7P
   IPEX MHF Receptacle Compatible with IPEX MHFII, Hirose U.FL Mating Height: 2.5mm MAX 2,500 pieces per reel
RECE.20369.001E.01 TAOGLAS-RECE.20369.001E.01 Datasheet
216Kb / 7P
   IPEX MHFIII Receptacle
RECE-20449-001E-01 TAOGLAS-RECE-20449-001E-01 Datasheet
124Kb / 1P
   IPEX MHFIV RECEPTACLE
logo
List of Unclassifed Man...
RECE20369001E01 ETC1-RECE20369001E01 Datasheet
149Kb / 1P
   IPEX MHFIII RECEPTACLE
RECE20449001E01 ETC1-RECE20449001E01 Datasheet
153Kb / 1P
   IPEX MHFIV RECEPTACLE
RECE20279001E01 ETC2-RECE20279001E01 Datasheet
148Kb / 1P
   IPEX MHFI RECEPTACLE
logo
Taoglas antenna solutio...
PC81070100A TAOGLAS-PC81070100A Datasheet
550Kb / 8P
   TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
logo
List of Unclassifed Man...
PC31070050A ETC2-PC31070050A Datasheet
429Kb / 7P
   dBi ISM 868/915MHz FR4 antenna with 50mm 1.13 IPEX MHF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com