Electronic Components Datasheet Search |
|
31GF4-E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
31GF4-E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page 31GF4-E3 www.vishay.com Vishay General Semiconductor Revision: 19-Feb-16 1 Document Number: 88529 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Ultrafast Plastic Rectifier FEATURES • Glass passivated pellet chip junction • Ultrafast reverse recovery time • Low forward voltage drop • Low switching losses, high efficiency • High forward surge capability • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer and telecommunication. MECHANICAL DATA Case: DO-201AD Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS-compliant, commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test Polarity: Color band denotes cathode end Note (1) Pulse test: 300 μs pulse width, 1 % duty cycle PRIMARY CHARACTERISTICS IF(AV) 3.0 A VRRM 400 V IFSM 60 A trr 30 ns VF 1.25 V TJ max. 150 °C Package DO-201AD Diode variations Single die DO-201AD MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Maximum repetitive peak reverse voltage VRRM 400 V Maximum RMS voltage VRMS 280 Maximum DC blocking voltage VDC 400 Maximum average forward rectified current, 0.375" (9.5 mm) lead length with FIN IF(AV) 3.0 A without FIN/PCB 1.5 Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 60 Operating junction and storage temperature range TJ, TSTG -40 to +150 °C Reverse avalanche energy (8/20 μs surge) EAR 10 mJ ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL VALUE UNIT Minimum reverse breakdown voltage 10 μA VBR 400 V Maximum instantaneous forward voltage 3.0 A VF (1) 1.25 Maximum DC reverse current at rated DC blocking voltage IR 20 μA Maximum reverse recovery time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A trr 30 ns |
Similar Part No. - 31GF4-E3 |
|
Similar Description - 31GF4-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |