Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R474F14700002M Datasheet(PDF) 6 Page - Kemet Corporation

Part # R474F14700002M
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R474F14700002M Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R474F14700002M Datasheet HTML 2Page - Kemet Corporation R474F14700002M Datasheet HTML 3Page - Kemet Corporation R474F14700002M Datasheet HTML 4Page - Kemet Corporation R474F14700002M Datasheet HTML 5Page - Kemet Corporation R474F14700002M Datasheet HTML 6Page - Kemet Corporation R474F14700002M Datasheet HTML 7Page - Kemet Corporation R474F14700002M Datasheet HTML 8Page - Kemet Corporation R474F14700002M Datasheet HTML 9Page - Kemet Corporation R474F14700002M Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3096_R47_X2_440 • 6/9/2016
6
Metallized Polypropylene Film EMI Suppression Capacitors
R47 Series, Class X2, 440 VAC, 110ºC (Automotive Grade)
Approvals
Mark
Specification
File Number
EN/IEC 60384-14
CA08.00101
UL 60384-14 and
CAN/CSA E60384-14
(440VAC)
E97797
Environmental Compliance
All KEMET EMI capacitors are RoHS Compliant.


Similar Part No. - R474F14700002M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R474F14705001K KEMET-R474F14705001K Datasheet
55Kb / 1P
   Capacitor, film, Metallized Polypropylene, 4700 pF, /-10% Tol, -40/110C, Safety: X2, 440 VAC, Lead Spacing=10 mm
R474F14705001K KEMET-R474F14705001K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R47_X2, 4700 pF, 10%, 1,000 V, 440 V, 110C, Lead Spacing = 10mm
R474F147050A1K KEMET-R474F147050A1K Datasheet
55Kb / 1P
   Capacitor, film, Metallized Polypropylene, 4700 pF, /-10% Tol, -40/110C, Safety: X1, 440 VAC, Lead Spacing=10 mm
More results

Similar Description - R474F14700002M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com