Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L00AIV Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT73L00AIV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L00AIV Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT73L00AIV Datasheet HTML 7Page - Exar Corporation XRT73L00AIV Datasheet HTML 8Page - Exar Corporation XRT73L00AIV Datasheet HTML 9Page - Exar Corporation XRT73L00AIV Datasheet HTML 10Page - Exar Corporation XRT73L00AIV Datasheet HTML 11Page - Exar Corporation XRT73L00AIV Datasheet HTML 12Page - Exar Corporation XRT73L00AIV Datasheet HTML 13Page - Exar Corporation XRT73L00AIV Datasheet HTML 14Page - Exar Corporation XRT73L00AIV Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
áç
áç
áç
áç
XRT73L00A
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 2.0.1
8
30
LCV/(RCLK2)
O
Line Code Violation Indicator/Receive Clock Output pin 2:
The function of this pin depends upon whether the XRT73L00A is operating in
the HOST Mode, the Hardware Mode or User selection.
HOST Mode - Line Code Violation Indicator Output:
If the XRT73L00A is configured to operate in the HOST Mode, then this pin func-
tions as the LCV output pin by default. However, by using the on-chip Command
Registers, this pin can be configured to function as the second Receive Clock
signal output pin RCLK2.
Hardware Mode - Receive Clock Output pin 2:
This output pin is the Recovered Clock signal from the incoming line signal. The
receive section of the XRT73L00A outputs data via the RPOS and RNEG output
pins on the rising edge of this clock signal.
NOTE: If the XRT73L00A is operating in the HOST Mode and this pin is config-
ured to function as the additional Receive Clock signal output pin, then the
XRT73L00A can be configured to update the data on the RPOS and RNEG out-
put pins on the falling edge of this clock signal.
31
RCLK1
O
Receive Clock Output pin 1:
This output pin is the Recovered Clock signal from the incoming line signal. The
receive section of the XRT73L00A outputs data via the RPOS and RNEG output
pins on the rising edge of this clock signal.
NOTE: If the XRT73L00A is operating in the HOST Mode, the device can be con-
figured to update the data on the RPOS and RNEG output pins on the falling
edge of this clock signal.
32
RNEG
O
Receive Negative Pulse Output:
This output pin pulses “High” whenever the XRT73L00A has received a Negative
Polarity pulse in the incoming line signal at the RTIP/RRING inputs.
NOTES:
1. If the B3ZS/HDB3 Decoder is enabled, the zero suppression patterns in
the incoming line signal (such as: "00V", "000V", "B0V", "B00V") are not
reflected at this output.
2. This output pin is inactive if the XRT73L00A has been configured to
operate in the Single-Rail Mode.
33
RPOS
O
Receive Positive Pulse Output:
This output pin pulses “High” whenever the XRT73L00A has received a Positive
Polarity pulse in the incoming line signal at the RTIP/RRING inputs.
NOTE: If the B3ZS/HDB3 Decoder is enabled, the zero suppression patterns in
the incoming line signal (such as: "00V", "000V", "B0V", "B00V") are not
reflected at this output.
34
ICT
I
In-Circuit Test Input:
Setting this input pin “Low” causes all digital and analog outputs to go into a
high-impedance state in order to permit in-circuit testing. Set this pin “High” for
normal operation.
NOTE: This pin is internally pulled “High”.
PIN DESCRIPTION
PIN #SYMBOL
TYPE
DESCRIPTION


Similar Part No. - XRT73L00AIV

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
XRT73L00L03/L04 PULSE-XRT73L00L03/L04 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - XRT73L00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com