Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF4392LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBF4392LT1G
Description  JFET Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF4392LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBF4392LT1G Datasheet HTML 1Page - ON Semiconductor MMBF4392LT1G Datasheet HTML 2Page - ON Semiconductor MMBF4392LT1G Datasheet HTML 3Page - ON Semiconductor MMBF4392LT1G Datasheet HTML 4Page - ON Semiconductor MMBF4392LT1G Datasheet HTML 5Page - ON Semiconductor MMBF4392LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 12
1
Publication Order Number:
MMBF4391LT1/D
MMBF4391L, MMBF4392L,
MMBF4393L
JFET Switching Transistors
N−Channel
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDS
30
Vdc
Drain−Gate Voltage
VDG
30
Vdc
Gate−Source Voltage
VGS
30
Vdc
Forward Gate Current
IG(f)
50
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Junction and Storage Temperature Range
TJ, Tstg −55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0  0.75  0.062 in.
SOT−23
CASE 318
STYLE 10
See detailed ordering, marking and shipping information in the
package dimensions section on page 2 of this data sheet.
MARKING & ORDERING INFORMATION
www.onsemi.com
2 SOURCE
3
GATE
1 DRAIN
XXX = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
(Note: Microdot may be in either location)
MARKING DIAGRAM
1
XXX M G
G
2
1
3


Similar Part No. - MMBF4392LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF4392LT1G ONSEMI-MMBF4392LT1G Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MMBF4392LT1G ONSEMI-MMBF4392LT1G Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
MMBF4392LT1G ONSEMI-MMBF4392LT1G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MMBF4392LT1G ONSEMI-MMBF4392LT1G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
More results

Similar Description - MMBF4392LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4391LT1 MOTOROLA-MMBF4391LT1 Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4391LT1G ONSEMI-MMBF4391LT1G_09 Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
MMBF4391LT1G ONSEMI-MMBF4391LT1G_12 Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MMBF4393LT3G ONSEMI-MMBF4393LT3G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MPF4392 ONSEMI-MPF4392_12 Datasheet
126Kb / 6P
   JFET Switching Transistors
February, 2012 ??Rev. 6
MMBF4391LT1 ONSEMI-MMBF4391LT1_06 Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N5653 NJSEMI-2N5653 Datasheet
143Kb / 1P
   JFET SWITCHING
2N4856A NJSEMI-2N4856A Datasheet
196Kb / 2P
   JFET SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com