Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB50N120FL2WAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGTB50N120FL2WAG
Description  IGBT - Field Stop II / 4 Lead
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB50N120FL2WAG Datasheet(HTML) 5 Page - ON Semiconductor

  NGTB50N120FL2WAG Datasheet HTML 1Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 2Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 3Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 4Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 5Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 6Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 7Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 8Page - ON Semiconductor NGTB50N120FL2WAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NGTB50N120FL2WAG
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 13. Switching Time vs. IC
Figure 14. Switching Loss vs. RG
IC, COLLECTOR CURRENT (A)
RG, GATE RESISTOR (W)
80
70
60
50
40
30
20
10
1
10
100
1000
60
50
40
70
30
20
10
0
0
2
4
6
8
10
Figure 15. Switching Time vs. RG
Figure 16. Switching Loss vs. VCE
RG, GATE RESISTOR (W)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
60
70
50
40
30
20
10
0
10
100
1000
750
700
650
600
500
450
400
350
0
1.0
1.5
2.0
Figure 17. Switching Time vs. VCE
VCE, COLLECTOR−EMITTER VOLTAGE (V)
700
650
600
550
500
450
400
350
10
100
1000
VCE = 600 V
VGE = 15 V
TJ = 175°C
Rg = 10
W
Eoff
Eon
td(off)
td(on)
tr
tf
90
VCE = 600 V
VGE = 15 V
TJ = 175°C
IC = 50 A
12
550
800
Eoff
Eon
VGE = 15 V
TJ = 175°C
IC = 50 A
Rg = 10
W
VCE = 600 V
VGE = 15 V
TJ = 175°C
IC = 50 A
td(off)
td(on)
tr
tf
VGE = 15 V
TJ = 175°C
IC = 50 A
Rg = 10
W
td(off)
td(on)
tr
tf
750
2.5
Figure 18. Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1K
100
10
1
0.1
100
1000
10K
800
10
1
50
ms
100
ms
1 ms
dc operation
Single Nonrepetitive
Pulse TC = 25°C
Curves must be derated
linearly with increase
in temperature
14
3.0
3.5
4.0
16
4.5
0.5


Similar Part No. - NGTB50N120FL2WAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB50N120FL2WG ONSEMI-NGTB50N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
May, 2015 ??Rev. 5
More results

Similar Description - NGTB50N120FL2WAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB75N65FL2WAG ONSEMI-NGTB75N65FL2WAG_16 Datasheet
162Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB40N120FL2WAG ONSEMI-NGTB40N120FL2WAG Datasheet
158Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB50N65FL2WAG ONSEMI-NGTB50N65FL2WAG Datasheet
163Kb / 10P
   IGBT - Field Stop II / 4 Lead
September, 2016 ??Rev. 1
NGTB25N120FL2WAG ONSEMI-NGTB25N120FL2WAG Datasheet
159Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com