Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB50N120FL2WG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NGTB50N120FL2WG
Description  IGBT - Field Stop II
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB50N120FL2WG Datasheet(HTML) 6 Page - ON Semiconductor

  NGTB50N120FL2WG Datasheet HTML 1Page - ON Semiconductor NGTB50N120FL2WG Datasheet HTML 2Page - ON Semiconductor NGTB50N120FL2WG Datasheet HTML 3Page - ON Semiconductor NGTB50N120FL2WG Datasheet HTML 4Page - ON Semiconductor NGTB50N120FL2WG Datasheet HTML 5Page - ON Semiconductor NGTB50N120FL2WG Datasheet HTML 6Page - ON Semiconductor NGTB50N120FL2WG Datasheet HTML 7Page - ON Semiconductor NGTB50N120FL2WG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NGTB50N120FL2WG
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 19. trr vs. diF/dt (VR = 400 V)
diF/dt, DIODE CURRENT SLOPE (A/m)
700
500
300
100
450
TJ = 25°C, IF = 50 A
900
1100
1300
Figure 20. Qrr vs. diF/dt (VR = 400 V)
diF/dt, DIODE CURRENT SLOPE (A/m)
700
500
300
100
7
900
1100
1300
5
Figure 21. Irm vs. diF/dt (VR = 400 V)
diF/dt, DIODE CURRENT SLOPE (A/m)
500
300
100
70
900
1100
1300
700
Figure 22. VF vs. TJ
TJ, JUNCTION TEMPERATURE (°C)
25
0
−25
−50
−75
100 125 150
200
75
3.5
2.5
3
2
1.0
400
350
300
250
200
150
100
50
60
50
40
30
20
10
TJ = 175°C, IF = 50 A
TJ = 25°C, IF = 50 A
TJ = 175°C, IF = 50 A
4
6
TJ = 25°C, IF = 50 A
TJ = 175°C, IF = 50 A
50
175
1.5
2.0
3.0
IF = 50 A
IF = 25 A
IF = 75 A
250
0.01
FREQUENCY (kHz)
0.1
1
10
100
1000
Figure 23. Collector Current vs. Switching
Frequency
TC = 110°C
TC = 80°C
VCE = 600 V, RG = 10 W, VGE = 0/15 V
200
150
100
50
0


Similar Part No. - NGTB50N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB50N120FL2WAG ONSEMI-NGTB50N120FL2WAG Datasheet
162Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
More results

Similar Description - NGTB50N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
   IGBT - Field Stop II
September, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com