Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTD8R65F2WP Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGTD8R65F2WP
Description  Fast Switching Rectifier Die
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTD8R65F2WP Datasheet(HTML) 2 Page - ON Semiconductor

  NGTD8R65F2WP Datasheet HTML 1Page - ON Semiconductor NGTD8R65F2WP Datasheet HTML 2Page - ON Semiconductor NGTD8R65F2WP Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NGTD8R65F2
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
STATIC CHARACTERISTICS
Forward Voltage
IF = 30 A, TJ = 25°C
VF
2.1
2.8
V
Reverse Voltage
IR = 320 mA, TJ = 25°C
VR
650
V
Reverse Current
VR = 650 V, TJ = 25°C
IR
−1.0
1.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
DIE LAYOUT
A = Anode pad
All dimensions in
mm
A


Similar Part No. - NGTD8R65F2WP

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGTD NIC-NGTD Datasheet
191Kb / 3P
   Surface Mount Gas Discharge Tube
logo
ON Semiconductor
NGTD13R120F2 ONSEMI-NGTD13R120F2 Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2SWK ONSEMI-NGTD13R120F2SWK Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2WP ONSEMI-NGTD13R120F2WP Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13T120F2 ONSEMI-NGTD13T120F2 Datasheet
92Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
More results

Similar Description - NGTD8R65F2WP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTD9R120F2 ONSEMI-NGTD9R120F2 Datasheet
85Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD15R65F2 ONSEMI-NGTD15R65F2 Datasheet
84Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2 ONSEMI-NGTD13R120F2 Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD5R65F2 ONSEMI-NGTD5R65F2 Datasheet
93Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD17R120F2 ONSEMI-NGTD17R120F2 Datasheet
57Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
logo
CHENG-YI ELECTRONIC CO....
FR101 CHENG-YI-FR101 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
IN4933 CHENG-YI-IN4933 Datasheet
118Kb / 2P
   FAST SWITCHING RECTIFIER
FR301 CHENG-YI-FR301 Datasheet
119Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR301PT CHENMKO-SFR301PT Datasheet
77Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Digitron Semiconductors
1N5415 DIGITRON-1N5415 Datasheet
95Kb / 1P
   FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com