Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103CW-G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD103CW-G
Description  For general purpose applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103CW-G Datasheet(HTML) 1 Page - Vishay Siliconix

  SD103CW-G Datasheet HTML 1Page - Vishay Siliconix SD103CW-G Datasheet HTML 2Page - Vishay Siliconix SD103CW-G Datasheet HTML 3Page - Vishay Siliconix SD103CW-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD103AW-G, SD103BW-G, SD103CW-G
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Aug-16
1
Document Number: 85160
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: SOD-123
Weight: approx. 9.4 mg
Cathode band color: black
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing, and coupling diodes for fast
switching and low logic level applications
• Other
applications
are
click
suppression,
efficient full wave bridges in telephone subsets,
and blocking diodes in rechargeable low voltage
battery systems
• The SD103 series is a metal-on-silicon Schottky
barrier device which is protected by a PN
junction guardring
• For general purpose applications
• AEC-Q101 qualified
• Base P/N-G3 - green, commercial grade
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
PARTS TABLE
PART
ORDERING CODE
INTERNAL
CONSTRUCTION
TYPE MARKING
REMARKS
SD103AW-G
SD103AW-G3-08 or SD103AW-G3-18
Single diode
Z6
Tape and reel
SD103BW-G
SD103BW-G3-08 or SD103BW-G3-18
Single diode
Z7
SD103CW-G
SD103CW-G3-08 or SD103CW-G3-18
Single diode
Z8
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
SD103AW-G
VRRM
40
V
SD103BW-G
VRRM
30
V
SD103CW-G
VRRM
20
V
Forward continuous current (1)
IF
350
mA
Power dissipation (infinite heat sink) (1)
Ptot
400
mW
Single cycle surge
10 μs square wave
IFSM
2A
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
300
K/W
Junction temperature
Tj
125
°C
Operating temperature range
Top
-55 to +125
°C
Storage temperature range
Tstg
-55 to +150
°C


Similar Part No. - SD103CW-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD103CW-G VISHAY-SD103CW-G Datasheet
100Kb / 4P
   Small Signal Schottky Diodes
01-Jan-2022
More results

Similar Description - SD103CW-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
logo
Micross Components
HMC338 MICROSS-HMC338 Datasheet
949Kb / 11P
   General Purpose Applications
logo
Fairchild Semiconductor
KSC2001 FAIRCHILD-KSC2001 Datasheet
25Kb / 3P
   General Purpose Applications
logo
New Jersey Semi-Conduct...
1N5711 NJSEMI-1N5711 Datasheet
124Kb / 1P
   Schottky Barrier Diodes for General Purpose Applications
logo
EPCOS
B84110B EPCOS-B84110B Datasheet
93Kb / 6P
   2-line filters for general-purpose applications
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
logo
Toshiba Semiconductor
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com