Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494D336M004AN7280 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T494D336M004AN7280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494D336M004AN7280 Datasheet(HTML) 3 Page - Kemet Corporation

  T494D336M004AN7280 Datasheet HTML 1Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 2Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 3Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 4Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 5Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 6Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 7Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 8Page - Kemet Corporation T494D336M004AN7280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2008_T494 • 10/21/2016
33
Tantalum Surface Mount Capacitors – Low ESR
T494 Series Industrial Grade MnO
2
Qualification
Test
Condition
Characteristics
Endurance
85°Catratedvoltage,2,000hours
125°Cat2/3ratedvoltage,2,000hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Storage Life
125°Cat0volts,2,000hours
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
MIL–STD–202, Method 107, Condition B, mounted,
−55°Cto125°C,1,000cycles
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
successionofcontinuousstepsat+25ºC,
−55ºC,+25ºC,+85ºC,+125ºC,+25ºC.
+25°C
−55°C
+85°C
+125°C
ΔC/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
12 x IL
Surge Voltage
85°C,1.32xratedvoltage1,000cycles
(125°C,1.2xratedvoltage).
ΔC/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/
Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak
MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000
Hz, 20 G peak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial limit


Similar Part No. - T494D336M004AN7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494D336M010AS KEMET-T494D336M010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494D336M016AS KEMET-T494D336M016AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494D336M020AS KEMET-T494D336M020AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494D336M025AS KEMET-T494D336M025AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494D336M004AN7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com