Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494B336M010AN7280 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T494B336M010AN7280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494B336M010AN7280 Datasheet(HTML) 5 Page - Kemet Corporation

  T494B336M010AN7280 Datasheet HTML 1Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 2Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 3Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 4Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 5Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 6Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 7Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 8Page - Kemet Corporation T494B336M010AN7280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2008_T494 • 10/21/2016
55
Tantalum Surface Mount Capacitors – Low ESR
T494 Series Industrial Grade MnO
2
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum).
Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case
Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at 20ºC
Max/5 Min
% at 20ºC
120 Hz Max
Ω at 20ºC
100 kHz
Max
mA at 25ºC
100 kHz
mA at
85ºC 100
kHz
mA at
125ºC 100
kHz
ºC
Reflow Temp
≤ 260ºC
2.5
100
T/3528-12
T494T107(1)2R5A(2)
2.5
24.0
3.5
141
127
56
125
1
2.5
220
D/7343-31
T494D227(1)2R5A(2)
5.5
8.0
0.2
866
779
346
125
1
3
33
A/3216-18
T494A336(1)003A(2)
1.0
6.0
2.0
194
175
78
125
1
4
3.3
A/3216-18
T494A335(1)004A(2)
0.5
6.0
4.0
137
123
55
125
1
4
4.7
A/3216-18
T494A475(1)004A(2)
0.5
6.0
3.5
146
131
58
125
1
4
6.8
A/3216-18
T494A685(1)004A(2)
0.5
6.0
3.0
158
142
63
125
1
4
6.8
S/3216-12
T494S685(1)004A(2)
0.5
6.0
7.0
93
84
37
125
1
4
10
B/3528-21
T494B106(1)004A(2)
0.5
6.0
1.2
266
239
106
125
1
4
10
A/3216-18
T494A106(1)004A(2)
0.5
6.0
2.0
194
175
78
125
1
4
10
S/3216-12
T494S106(1)004A(2)
0.5
6.0
9.0
82
74
33
125
1
4
15
B/3528-21
T494B156(1)004A(2)
0.6
6.0
1.2
266
239
106
125
1
4
15
A/3216-18
T494A156(1)004A(2)
0.6
6.0
1.5
224
202
90
125
1
4
15
T/3528-12
T494T156(1)004A(2)
0.6
6.0
2.0
187
168
75
125
1
4
15
S/3216-12
T494S156(M)004A(2)
0.6
10.0
9.0
82
74
33
125
1
4
22
C/6032-28
T494C226(1)004A(2)
0.9
6.0
0.5
469
422
188
125
1
4
22
B/3528-21
T494B226(1)004A(2)
0.9
6.0
0.6
376
338
150
125
1
4
22
A/3216-18
T494A226(1)004A(2)
0.9
6.0
1.5
224
202
90
125
1
4
22
S/3216-12
T494S226(M)004A(2)
0.9
10.0
8.0
87
78
35
125
1
4
22
T/3528-12
T494T226(1)004A(2)
0.9
6.0
2.5
167
150
67
125
1
4
33
C/6032-28
T494C336(1)004A(2)
1.3
6.0
0.5
469
422
188
125
1
4
33
U/6032-15
T494U336(1)004A(2)
1.3
6.0
0.6
387
348
155
125
1
4
33
B/3528-21
T494B336(1)004A(2)
1.3
6.0
0.5
412
371
165
125
1
4
33
A/3216-18
T494A336(1)004A(2)
1.3
6.0
3.0
158
142
63
125
1
4
33
T/3528-12
T494T336(M)004A(2)
1.3
8.0
3.5
141
127
56
125
1
4
47
C/6032-28
T494C476(1)004A(2)
1.9
6.0
0.5
469
422
188
125
1
4
47
U/6032-15
T494U476(1)004A(2)
1.9
6.0
0.6
387
348
155
125
1
4
47
B/3528-21
T494B476(1)004A(2)
1.9
6.0
0.5
412
371
165
125
1
4
47
A/3216-18
T494A476(M)004A(2)
1.9
12.0
2.0
194
175
78
125
1
4
47
T/3528-12
T494T476(M)004A(2)
1.9
12.0
4.0
132
119
53
125
1
4
68
D/7343-31
T494D686(1)004A(2)
2.7
6.0
0.20
866
779
346
125
1
4
68
C/6032-28
T494C686(1)004A(2)
2.7
6.0
0.25
663
597
265
125
1
4
68
U/6032-15
T494U686(1)004A(2)
2.7
6.0
0.60
387
348
155
125
1
4
68
B/3528-21
T494B686(1)004A(2)
2.7
6.0
2.00
206
185
82
125
1
4
68
A/3216-18
T494A686(1)004A(2)
2.7
30.0
3.00
158
142
63
125
1
4
100
D/7343-31
T494D107(1)004A(2)
4.0
8.0
0.20
866
779
346
125
1
4
100
C/6032-28
T494C107(1)004A(2)
4.0
8.0
0.20
742
668
297
125
1
4
100
U/6032-15
T494U107(1)004A(2)
4.0
10.0
1.00
300
270
120
125
1
4
100
B/3528-21
T494B107(M)004A(2)
4.0
8.0
0.65
362
326
145
125
1
4
100
A/3216-18
T494A107(M)004A(2)
4.0
30.0
3.00
158
142
63
125
1
4
100
T/3528-12
T494T107(M)004A(2)
4.0
30.0
4.50
125
113
50
125
1
4
150
D/7343-31
T494D157(1)004A(2)
6.0
8.0
0.15
1000
900
400
125
1
4
150
V/7343-20
T494V157(1)004A(2)
6.0
8.0
0.20
791
712
316
125
1
4
150
C/6032-28
T494C157(1)004A(2)
6.0
8.0
0.30
606
545
242
125
1
4
150
B/3528-21
T494B157(1)004A(2)
6.0
12.0
1.00
292
263
117
125
1
4
220
V/7343-20
T494V227(1)004A(2)
8.8
8.0
0.30
645
581
258
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA at 20ºC
Max/5 Min
% at 20ºC
120 Hz Max
Ω at 20ºC
100 kHz
Max
mA at 25ºC
100 kHz
mA at
85ºC 100
kHz
mA at
125ºC 100
kHz
ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T494B336M010AN7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B336M010AS KEMET-T494B336M010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494B336M010AN7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com