Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980
Description  Micropower 50 mA Ultra Low-Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2980 Datasheet HTML 1Page - National Semiconductor (TI) LP2980 Datasheet HTML 2Page - National Semiconductor (TI) LP2980 Datasheet HTML 3Page - National Semiconductor (TI) LP2980 Datasheet HTML 4Page - National Semiconductor (TI) LP2980 Datasheet HTML 5Page - National Semiconductor (TI) LP2980 Datasheet HTML 6Page - National Semiconductor (TI) LP2980 Datasheet HTML 7Page - National Semiconductor (TI) LP2980 Datasheet HTML 8Page - National Semiconductor (TI) LP2980 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Ordering Information
TABLE 1. Package Marking and Order Information
Output Voltage
(V)
Grade
Order Information
Package
Marking
Supplied as:
5-Lead Small Outline Package (M5)
For output voltages
≤ 2V, refer to LP2980LV datasheet. If a non-standard voltage is required, see LP2980-ADJ.
2.5
A
LP2980AIM5X-2.5
L0NA
3000 Units on Tape and Reel
2.5
A
LP2980AIM5-2.5
L0NA
1000 Units on Tape and Reel
2.5
STD
LP2980IM5X-2.5
L0NB
3000 Units on Tape and Reel
2.5
STD
LP2980IM5-2.5
L0NB
1000 Units on Tape and Reel
2.6
A
LP2980AIM5X-2.6
L48A
3000 Units on Tape and Reel
2.6
A
LP2980AIM5-2.6
L48A
1000 Units on Tape and Reel
2.6
STD
LP2980IM5X-2.6
L48B
3000 Units on Tape and Reel
2.6
STD
LP2980IM5-2.6
L48B
1000 Units on Tape and Reel
2.7
A
LP2980AIM5X-2.7
L26A
3000 Units on Tape and Reel
2.7
A
LP2980AIM5-2.7
L26A
1000 Units on Tape and Reel
2.7
STD
LP2980IM5X-2.7
L26B
3000 Units on Tape and Reel
2.7
STD
LP2980IM5-2.7
L26B
1000 Units on Tape and Reel
2.8
A
LP2980AIM5X-2.8
L13A
3000 Units on Tape and Reel
2.8
A
LP2980AIM5-2.8
L13A
1000 Units on Tape and Reel
2.8
STD
LP2980IM5X-2.8
L13B
3000 Units on Tape and Reel
2.8
STD
LP2980IM5-2.8
L13B
1000 Units on Tape and Reel
2.9
A
LP2980AIM5X-2.9
L12A
3000 Units on Tape and Reel
2.9
A
LP2980AIM5-2.9
L12A
1000 Units on Tape and Reel
2.9
STD
LP2980IM5X-2.9
L12B
3000 Units on Tape and Reel
2.9
STD
LP2980IM5-2.9
L12B
1000 Units on Tape and Reel
3.0
A
LP2980AIM5X-3.0
L02A
3000 Units on Tape and Reel
3.0
A
LP2980AIM5-3.0
L02A
1000 Units on Tape and Reel
3.0
STD
LP2980IM5X-3.0
L02B
3000 Units on Tape and Reel
3.0
STD
LP2980IM5-3.0
L02B
1000 Units on Tape and Reel
3.1
A
LP2980AIM5X-3.1
L30A
3000 Units on Tape and Reel
3.1
A
LP2980AIM5-3.1
L30A
1000 Units on Tape and Reel
3.1
STD
LP2980IM5X-3.1
L30B
3000 Units on Tape and Reel
3.1
STD
LP2980IM5-3.1
L30B
1000 Units on Tape and Reel
3.2
A
LP2980AIM5X-3.2
L31A
3000 Units on Tape and Reel
3.2
A
LP2980AIM5-3.2
L31A
1000 Units on Tape and Reel
3.2
STD
LP2980IM5X-3.2
L31B
3000 Units on Tape and Reel
3.2
STD
LP2980IM5-3.2
L31B
1000 Units on Tape and Reel
3.3
A
LP2980AIM5X-3.3
L00A
3000 Units on Tape and Reel
3.3
A
LP2980AIM5-3.3
L00A
1000 Units on Tape and Reel
3.3
STD
LP2980IM5X-3.3
L00B
3000 Units on Tape and Reel
3.3
STD
LP2980IM5-3.3
L00B
1000 Units on Tape and Reel
3.5
A
LP2980AIM5X-3.5
L27A
3000 Units on Tape and Reel
3.5
A
LP2980AIM5-3.5
L27A
1000 Units on Tape and Reel
3.5
STD
LP2980IM5X-3.5
L27B
3000 Units on Tape and Reel
3.5
STD
LP2980IM5-3.5
L27B
1000 Units on Tape and Reel
3.6
A
LP2980AIM5X-3.6
L28A
3000 Units on Tape and Reel
3.6
A
LP2980AIM5-3.6
L28A
1000 Units on Tape and Reel
3.6
STD
LP2980IM5X-3.6
L28B
3000 Units on Tape and Reel
3.6
STD
LP2980IM5-3.6
L28B
1000 Units on Tape and Reel
www.national.com
2


Similar Part No. - LP2980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
logo
National Semiconductor ...
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980-ADJ TI1-LP2980-ADJ Datasheet
2Mb / 37P
[Old version datasheet]   LP2980-ADJ 16-V, 50-mA, Low-Power, Adjustable Low-Dropout Regulator
REVISED JULY 2023
logo
National Semiconductor ...
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
[Old version datasheet]   LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
More results

Similar Description - LP2980

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com