Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB15N60EG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGTB15N60EG
Description  IGBT - Short-Circuit Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB15N60EG Datasheet(HTML) 5 Page - ON Semiconductor

  NGTB15N60EG Datasheet HTML 1Page - ON Semiconductor NGTB15N60EG Datasheet HTML 2Page - ON Semiconductor NGTB15N60EG Datasheet HTML 3Page - ON Semiconductor NGTB15N60EG Datasheet HTML 4Page - ON Semiconductor NGTB15N60EG Datasheet HTML 5Page - ON Semiconductor NGTB15N60EG Datasheet HTML 6Page - ON Semiconductor NGTB15N60EG Datasheet HTML 7Page - ON Semiconductor NGTB15N60EG Datasheet HTML 8Page - ON Semiconductor NGTB15N60EG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NGTB15N60EG
www.onsemi.com
5
TYPICAL CHARACTERISTICS
VCES = 120 V
VCES = 480 V
IC = 15 A
20
0
Figure 7. Diode Forward Characteristics
VF, FORWARD VOLTAGE (V)
Figure 8. Typical Gate Charge
QG, GATE CHARGE (nC)
−40
°C
25
°C
150
°C
0
0.5
1
1.5
2
2.5
35
30
25
20
15
10
5
0
15
10
5
0
20
40
60
100
80
Figure 9. Switching Loss vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
Eon
Eoff
0
20
40
60
100
120
140
160
80
1.2
1
0.8
0.6
0.4
0.2
0
VCE = 400 V
VGE = 15 V
IC = 15 A
Rg = 22
W
Figure 10. Switching Time vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
tf
td(off)
td(on)
tr
1000
100
10
1
0
20
40
60
100 120
140 160
80
200
180
VCE = 400 V
VGE = 15 V
IC = 15 A
Rg = 22
W
Figure 11. Switching Loss vs. IC
IC, COLLECTOR CURRENT (A)
Eon
Eoff
3
812
24
28
16
32
20
2
1
0
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 22
W
Figure 12. Switching Time vs. IC
IC, COLLECTOR CURRENT (A)
tf
td(off)
td(on)
tr
1000
100
10
1
812
24
28
16
32
20
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 22
W


Similar Part No. - NGTB15N60EG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
More results

Similar Description - NGTB15N60EG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
SGW5N60RUFD FAIRCHILD-SGW5N60RUFD Datasheet
615Kb / 8P
   Short Circuit Rated IGBT
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
   Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com