Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB25N120FL2WAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGTB25N120FL2WAG
Description  IGBT - Field Stop II / 4 Lead
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB25N120FL2WAG Datasheet(HTML) 2 Page - ON Semiconductor

  NGTB25N120FL2WAG Datasheet HTML 1Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 2Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 3Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 4Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 5Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 6Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 7Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 8Page - ON Semiconductor NGTB25N120FL2WAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NGTB25N120FL2WAG
www.onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal resistance junction−to−case, for IGBT
RqJC
0.39
°C/W
Thermal resistance junction−to−case, for Diode
RqJC
0.64
°C/W
Thermal resistance junction−to−ambient
RqJA
25
°C/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
STATIC CHARACTERISTIC
Collector−emitter breakdown voltage,
gate−emitter short−circuited
VGE = 0 V, IC = 500 mA
V(BR)CES
1200
V
Collector−emitter saturation voltage
VGE = 15 V, IC = 25 A
VGE = 15 V, IC = 25 A, TJ = 175°C
VCEsat
2.00
2.40
2.40
V
Gate−emitter threshold voltage
VGE = VCE, IC = 400 mA
VGE(th)
4.5
5.5
6.5
V
Collector−emitter cut−off current, gate−
emitter short−circuited
VGE = 0 V, VCE = 1200 V
VGE = 0 V, VCE = 1200 V, TJ = 175°C
ICES
4.0
0.4
mA
Gate leakage current, collector−emitter
short−circuited
VGE = 20 V , VCE = 0 V
IGES
200
nA
Input capacitance
VCE = 20 V, VGE = 0 V, f = 1 MHz
Cies
4243
pF
Output capacitance
Coes
159
Reverse transfer capacitance
Cres
77
Gate charge total
VCE = 600 V, IC = 25 A, VGE = 15 V
Qg
181
nC
Gate to emitter charge
Qge
40
Gate to collector charge
Qgc
87
SWITCHING CHARACTERISTIC, INDUCTIVE LOAD
Turn−on delay time
TJ = 25°C
VCC = 600 V, IC = 50 A
Rg = 10 W
VGE = ±15V
td(on)
17
ns
Rise time
tr
19
Turn−off delay time
td(off)
113
Fall time
tf
118
Turn−on switching loss
Eon
0.99
mJ
Turn−off switching loss
Eoff
0.66
Total switching loss
Ets
1.65
Turn−on delay time
TJ = 175°C
VCC = 600 V, IC = 50 A
Rg = 10 W
VGE = ±15V
td(on)
15
ns
Rise time
tr
19
Turn−off delay time
td(off)
120
Fall time
tf
193
Turn−on switching loss
Eon
1.2
mJ
Turn−off switching loss
Eoff
1.3
Total switching loss
Ets
2.5
DIODE CHARACTERISTIC
Forward voltage
VGE = 0 V, IF = 25 A
VGE = 0 V, IF = 25 A, TJ = 175°C
VF
2.51
2.60
3.00
V
Reverse recovery time
TJ = 25°C
IF = 25 A, VR = 400 V
diF/dt = 250 A/ms
trr
136
ns
Reverse recovery charge
Qrr
0.6
mc
Reverse recovery current
Irrm
8.4
A
Reverse recovery time
TJ = 175°C
IF = 25 A, VR = 400 V
diF/dt = 250 A/ms
trr
251
ns
Reverse recovery charge
Qrr
1.91
mc
Reverse recovery current
Irrm
14
A
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NGTB25N120FL2WAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB25N120FL2WG ONSEMI-NGTB25N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
December, 2015 ??Rev. 1
NGTB25N120FL2WG ONSEMI-NGTB25N120FL2WG Datasheet
150Kb / 10P
   IGBT - Field Stop II
December, 2016 ??Rev. 2
NGTB25N120FL2WG ONSEMI-NGTB25N120FL2WG_16 Datasheet
150Kb / 10P
   IGBT - Field Stop II
December, 2016 ??Rev. 2
More results

Similar Description - NGTB25N120FL2WAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB50N120FL2WAG ONSEMI-NGTB50N120FL2WAG Datasheet
162Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB75N65FL2WAG ONSEMI-NGTB75N65FL2WAG_16 Datasheet
162Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB40N120FL2WAG ONSEMI-NGTB40N120FL2WAG Datasheet
158Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB50N65FL2WAG ONSEMI-NGTB50N65FL2WAG Datasheet
163Kb / 10P
   IGBT - Field Stop II / 4 Lead
September, 2016 ??Rev. 1
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com