Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V8P45-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V8P45-M3
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 4 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V8P45-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  V8P45-M3 Datasheet HTML 1Page - Vishay Siliconix V8P45-M3 Datasheet HTML 2Page - Vishay Siliconix V8P45-M3 Datasheet HTML 3Page - Vishay Siliconix V8P45-M3 Datasheet HTML 4Page - Vishay Siliconix V8P45-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V8P45-M3, V8P45HM3
www.vishay.com
Vishay General Semiconductor
Revision: 04-May-15
2
Document Number: 87710
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction to ambient: dPD/dTJ < 1/RJA
(2) Free air mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(3) Mounted on 30 mm x 30 mm aluminum PCB; thermal resistance RJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 4.0 A
TA = 25 °C
VF (1)
0.44
-
V
IF = 8.0 A
0.49
0.58
IF = 4.0 A
TA = 125 °C
0.34
-
IF = 8.0 A
0.41
0.49
Reverse current
VR = 45 V
TA = 25 °C
IR (2)
-0.6
mA
TA = 125 °C
5.0
20
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V8P45
UNIT
Typical thermal resistance
RJA (1)(2)
75
°C/W
RJM (3)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V8P45-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
V8P45-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
V8P45HM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
V8P45HM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
V8P45HM3_A/H (1)
0.10
H
1500
7" diameter plastic tape and reel
V8P45HM3_A/I (1)
0.10
I
6500
13" diameter plastic tape and reel
0
1
2
3
4
5
6
7
8
9
0
255075
100
125
150
Mount Temperature (
°C)
T
M = 132 °C, R
θJM = 4 °C/W
T
A = 25 °C, R
θJA = 75 °C/W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
0123456789
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp


Similar Part No. - V8P45-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P45-M3/86A VISHAY-V8P45-M3/86A Datasheet
104Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 4 A
Revision: 30-Oct-2019
V8P45-M3/87A VISHAY-V8P45-M3/87A Datasheet
104Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 4 A
Revision: 30-Oct-2019
V8P45-M3 VISHAY-V8P45-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mountnull Trench MOS Barrier Schottky Rectifier
Revision: 04-May-15
More results

Similar Description - V8P45-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8PL6-M3 VISHAY-V8PL6-M3 Datasheet
92Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 4 A
Revision: 27-Oct-14
V40PW60C VISHAY-V40PW60C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 01-Jun-17
V8PM12-M3 VISHAY-V8PM12-M3 Datasheet
100Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.53 V at IF = 4 A
Revision: 16-Dec-14
V8P12 VISHAY-V8P12_15 Datasheet
88Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.53 V at IF = 4 A
Revision: 16-Dec-14
V8P20 VISHAY-V8P20 Datasheet
91Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 4 A
Revision: 19-Apr-11
V40PWM10C VISHAY-V40PWM10C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 01-Jun-17
V10P6-M3 VISHAY-V10P6-M3 Datasheet
95Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
Revision: 04-May-15
V40PW12C VISHAY-V40PW12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 5 A
Revision: 01-Jun-17
V35PWM10 VISHAY-V35PWM10 Datasheet
123Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 5 A
Revision: 01-Jun-17
V40PWM12C VISHAY-V40PWM12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com