Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10P20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V10P20
Description  Trench MOS Schottky technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V10P20 Datasheet(HTML) 2 Page - Vishay Siliconix

  V10P20 Datasheet HTML 1Page - Vishay Siliconix V10P20 Datasheet HTML 2Page - Vishay Siliconix V10P20 Datasheet HTML 3Page - Vishay Siliconix V10P20 Datasheet HTML 4Page - Vishay Siliconix V10P20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V10P20
www.vishay.com
Vishay General Semiconductor
Revision: 17-Feb-17
2
Document Number: 89316
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(2) Mounted on 30 mm x 30 mm Al PCB; thermal resistance RJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
0.78
-
V
IF = 10 A
0.98
1.34
IF = 5.0 A
TA = 125 °C
0.59
-
IF = 10 A
0.67
0.75
Reverse current
VR = 180 V
TA = 25 °C
IR (2)
3.6
-
μA
TA = 125 °C
3.5
-
mA
VR = 200 V
TA = 25 °C
8.6
400
μA
TA = 125 °C
5.8
30
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V10P20
UNIT
Typical thermal resistance
RJA (1)
80
°C/W
RJM (2)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V10P20-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
V10P20-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
Ambient Temperature (°C)
12
4
0
0
75
150
25
100
50
125
8
2
Mounted on Al PCB, T
M = 121 °C
6
Mounted on Recommended
Copper Pad Area (RθJA = 80 °C/W)
10
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
Average Forward Current (A)
9
6
0
06
12
410
1
4
D = t
p/T
t
p
T
5
D = 0.8
3
8
2
2
7
8


Similar Part No. - V10P20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P20 VISHAY-V10P20 Datasheet
95Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
logo
Thinki Semiconductor Co...
V10P20-M3 THINKISEMI-V10P20-M3 Datasheet
1Mb / 3P
   THINKI 10 Ampere,200 Volt Traditional Planar Process Schottky Barrier Rectifier
Rev.12T
logo
Littelfuse
V10P20P LITTELFUSE-V10P20P Datasheet
1Mb / 12P
   Reduced footprint and volume required for surge protection
logo
Vishay Siliconix
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-Aug-13
V10P20 VISHAY-V10P20_V01 Datasheet
95Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V10P20

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST2060DJF SMC-ST2060DJF Datasheet
149Kb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V15PL50 VISHAY-V15PL50 Datasheet
756Kb / 5P
   Trench MOS Schottky technology
Revision: 02-Jul-13
V25PL60-M3 VISHAY-V25PL60-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
logo
Sangdest Microelectroni...
STB30H100C SMC-STB30H100C Datasheet
206Kb / 5P
   Trench MOS Schottky technology
logo
Kersemi Electronic Co.,...
MBRF20100CT KERSEMI-MBRF20100CT Datasheet
1Mb / 4P
   Trench MOS Schottky technology
logo
Vishay Siliconix
V8P6-M3 VISHAY-V8P6-M3 Datasheet
103Kb / 5P
   Trench MOS Schottky technology
Revision: 07-Mar-17
V15P6-M3 VISHAY-V15P6-M3 Datasheet
96Kb / 5P
   Trench MOS Schottky technology
Revision: 09-Jan-17
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
VSSA3L6S-M3 VISHAY-VSSA3L6S-M3 Datasheet
87Kb / 4P
   Trench MOS Schottky technology
Revision: 05-Nov-13
VSSAF5N50 VISHAY-VSSAF5N50 Datasheet
124Kb / 5P
   Trench MOS Schottky technology
Revision: 24-Jul-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com