Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V12P8HM3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V12P8HM3
Description  Low forward voltage drop, low power losses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V12P8HM3 Datasheet(HTML) 2 Page - Vishay Siliconix

  V12P8HM3 Datasheet HTML 1Page - Vishay Siliconix V12P8HM3 Datasheet HTML 2Page - Vishay Siliconix V12P8HM3 Datasheet HTML 3Page - Vishay Siliconix V12P8HM3 Datasheet HTML 4Page - Vishay Siliconix V12P8HM3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V12P8-M3, V12P8HM3
www.vishay.com
Vishay General Semiconductor
Revision: 05-May-15
2
Document Number: 87714
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction to ambient: dPD/dTJ < 1/RJA
(2) Free air mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(3) Mounted on 30 mm x 30 mm aluminum PCB; thermal resistance RJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 6.0 A
TA = 25 °C
VF (1)
0.49
-
V
IF = 12 A
0.58
0.66
IF = 6.0 A
TA = 125 °C
0.42
-
IF = 12 A
0.54
0.62
Reverse current
VR = 80 V
TA = 25 °C
IR (2)
-1
mA
TA = 125 °C
12
30
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V12P8
UNIT
Typical thermal resistance
RJA (1)(2)
75
°C/W
RJM (3)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V12P8-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
V12P8-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
V12P8HM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
V12P8HM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
V12P8HM3_A/H (1)
0.10
H
1500
7" diameter plastic tape and reel
V12P8HM3_A/I (1)
0.10
I
6500
13" diameter plastic tape and reel
0
2
4
6
8
10
12
14
025
50
75
100
125
150
Mount Temperature (
°C)
T
M = 122 °C, RthJM = 4 °C/W
T
A = 25 °C, RthJA = 75 °C/W
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0123456789 10 11 12 13 14
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp


Similar Part No. - V12P8HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V12P8HM3_A/H VISHAY-V12P8HM3_A/H Datasheet
105Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.42 V at IF = 6 A
Revision: 18-Dec-2019
V12P8HM3_A/H VISHAY-V12P8HM3_A/H Datasheet
106Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.60 V at IF = 6 A
Revision: 18-Dec-2019
V12P8HM3_A/I VISHAY-V12P8HM3_A/I Datasheet
105Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.42 V at IF = 6 A
Revision: 18-Dec-2019
V12P8HM3_A/I VISHAY-V12P8HM3_A/I Datasheet
106Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.60 V at IF = 6 A
Revision: 18-Dec-2019
More results

Similar Description - V12P8HM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V30DM120-M3 VISHAY-V30DM120-M3 Datasheet
103Kb / 5P
   Low forward voltage drop, low power losses
Revision: 09-Mar-15
V30120SG-E3 VISHAY-V30120SG-E3 Datasheet
156Kb / 6P
   Low forward voltage drop, low power losses
Revision: 10-May-16
VSB1045-E3 VISHAY-VSB1045-E3 Datasheet
80Kb / 4P
   Low forward voltage drop, low power losses
Revision: 22-Apr-14
V10PM12 VISHAY-V10PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V20PL60-M3 VISHAY-V20PL60-M3 Datasheet
82Kb / 5P
   Low forward voltage drop, low power losses
Revision: 15-May-14
V12PM12 VISHAY-V12PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V25PN60 VISHAY-V25PN60 Datasheet
89Kb / 5P
   Low forward voltage drop, low power losses
Revision: 27-Oct-14
V12P6-M3 VISHAY-V12P6-M3 Datasheet
96Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com