Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57607Y Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NE57607Y
Description  Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57607Y Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NE57607Y Datasheet HTML 2Page - NXP Semiconductors NE57607Y Datasheet HTML 3Page - NXP Semiconductors NE57607Y Datasheet HTML 4Page - NXP Semiconductors NE57607Y Datasheet HTML 5Page - NXP Semiconductors NE57607Y Datasheet HTML 6Page - NXP Semiconductors NE57607Y Datasheet HTML 7Page - NXP Semiconductors NE57607Y Datasheet HTML 8Page - NXP Semiconductors NE57607Y Datasheet HTML 9Page - NXP Semiconductors NE57607Y Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product data
NE57607
Two-cell Lithium-ion battery protection with
overcurrent, over- and under-voltage protection
2001 Oct 03
9
VSOP-8A: plastic small outline package; 8 leads; body width 4.4 mm
1.35
1.15
A
1.15
0.23
0.21
0.16
0.10
3.4
2.8
4.6
4.2
6.7
6.1
0.7
0.3
0.12
0.875
max.
10
°
0
°
VSOP-8A


Similar Part No. - NE57607Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57600 PHILIPS-NE57600 Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600BD PHILIPS-NE57600BD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600CD PHILIPS-NE57600CD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600DD PHILIPS-NE57600DD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600ED PHILIPS-NE57600ED Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
More results

Similar Description - NE57607Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
NE57600 PHILIPS-NE57600 Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com