Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT6828K Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NT6828K
Description  I2C Bus Controlled On-Screen Display
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT6828K Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NT6828K Datasheet HTML 2Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 3Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 4Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 5Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 6Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 7Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 8Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 9Page - List of Unclassifed Manufacturers NT6828K Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
NT6828
6
2. List of Control Registers:
(1) Display Register: Row 0 - 14, Column 0 - 29
76543210
Row
0-14
Column 0-29
MSB
LSB
Fonts’ Address $00 - $FF
Bit 7 - 0: In this eight bit address one of the 256 characters/symbols resided in the character ROM/RAM fonts. (Please
refer to Figure 1.) Note that for 0 - 247 (ROM fonts) and 248 - 255 (RAM fonts) need to be programmed by the
user. Each font consists of 12 x 18 dots matrix. (Please refer to Figure 2.)
(2) Character Attribute Register: Row 0 - 14, Column 0 - 29
76543210
Row
0-14
Column 0-29
BLNK
R
G
B
Characters’ Attribute Control
Bit 3: BLNK- This bit is to enable the blinking effect of the corresponding character/symbol as the bit is set to ‘1’. The
blinking frequency is approximately 1Hz with 50/50 duty cycle at 80Hz vertical sync frequency.
Bit 2 - 0: R/G/B-These three bits define the color attributes of the corresponding character/symbol. (Please refer to Table
1 for the color selections.)
Table 1. Character/Windows Color Selection
COLOR
R
G
B
Black
0
0
0
Blue
0
0
1
Green
0
1
0
Cyan
0
1
1
Red
1
0
0
Magenta
1
0
1
Yellow
1
1
0
White
1
1
1


Similar Part No. - NT6828K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
More results

Similar Description - NT6828K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
logo
NXP Semiconductors
TDA933XH PHILIPS-TDA933XH Datasheet
230Kb / 56P
   I2C-bus controlled TV display processors
2000 May 08
TDA9330H NXP-TDA9330H Datasheet
219Kb / 56P
   I2C-bus controlled TV display processors
2002 Jun 04
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com