Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57607HDH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE57607HDH
Description  Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57607HDH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE57607HDH Datasheet HTML 2Page - NXP Semiconductors NE57607HDH Datasheet HTML 3Page - NXP Semiconductors NE57607HDH Datasheet HTML 4Page - NXP Semiconductors NE57607HDH Datasheet HTML 5Page - NXP Semiconductors NE57607HDH Datasheet HTML 6Page - NXP Semiconductors NE57607HDH Datasheet HTML 7Page - NXP Semiconductors NE57607HDH Datasheet HTML 8Page - NXP Semiconductors NE57607HDH Datasheet HTML 9Page - NXP Semiconductors NE57607HDH Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product data
NE57607
Two-cell Lithium-ion battery protection with
overcurrent, over- and under-voltage protection
2001 Oct 03
6
Charging Lithium cells
The lithium cells must be charged with a dedicated charging IC such
as the NE57600. These dedicated charging ICs perform a
current-limited, constant-voltage charge, as shown in Figure 4.
The charger IC begins charging with a current that is typically the
rating of the cell (1C) or the milliampere rating of the cell. As the cell
approaches its full-charge voltage rating (VOV), the current entering
the cell decreases, and the charger IC provides a constant voltage.
When the charge current falls below a preset amount, 50 mA for
example, the charge is discontinued.
If charging is begun below the overdischarged voltage rating of the
cell, it is important to slowly raise the cell voltage up to this
overdischarged voltage level. This is done by a reconditioning
charge. A small amount of current is provided to the cell (50 mA for
example), and the cell voltage is allowed a period of time to rise to
the overdischarged voltage. If the cell voltage recovers, then a
normal charging sequence can begin. If the cell does not reach the
overdischarged voltage level, then the cell is too damaged to charge
and the charge is discontinued.
To take advantage of the larger energy density of lithium cells it is
important to allow enough time to completely charge the cell. When
the charger switches from constant current to constant voltage
charge (Point B, Figure 4) the cell only contains about 80 percent of
its full capacity. When the cell is 100 mV less than its full rated
charge voltage the capacity contained within the cell is 95 percent.
Hence, allowing the cell to slowly complete its charge takes
advantage of the larger capacity of the lithium cells.
SL01554
1.0
0.5
1.0
2.0
3.0
4.0
1.0
2.0
Point B
Vov
TIME (HOURS)
TIME (HOURS)
CONSTANT
VOLTAGE
CONSTANT
CURRENT
Figure 4. Lithium cell charging curves.
FUNCTIONAL DIAGRAM
NE57607
2
4
1
5
8
3
CS
CF
DF
OC Ref
OV Ref
UV Ref
6
OV Ref
UV Ref
7
SL01566
VC1
VC2
OV DEADTIME
CONTROL
UV DEADTIME
CONTROL
VCC
VCC
GND
CDLY
CHARGER
DETECTOR
Figure 5. Functional diagram.


Similar Part No. - NE57607HDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57600 PHILIPS-NE57600 Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600BD PHILIPS-NE57600BD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600CD PHILIPS-NE57600CD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600DD PHILIPS-NE57600DD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600ED PHILIPS-NE57600ED Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
More results

Similar Description - NE57607HDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
NE57600 PHILIPS-NE57600 Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com