Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106SML016M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 106SML016M
Description  Filtering ??Bypass ??Coupling ??Blocking
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106SML016M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  106SML016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106SML016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 106SML016M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SML
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
0.1
50
104SML050MD4
1989.44
3.2
4x5.4
0.22
50
224SML050MD4
904.29
4.7
4x5.4
0.33
50
334SML050MD4
602.86
5.7
4x5.4
0.47
50
474SML050MD4
423.28
6.8
4x5.4
1
50
105SML050MD4
198.944
10
4x5.4
2.2
50
225SML050MD4
90.429
15
4x5.4
3.3
50
335SML050M
60.29
18
4x5.4
3.3
100
335SML100M
50.24
28
6.3x5.8
4.7
35
475SML035M
49.38
20
4x5.4
4.7
50
475SML050M
42.33
24
4x5.4
4.7
50
475SML050MD5
42.33
25
5x5.4
4.7
100
475SML100MD8
3.53
60
8x10.5
10
16
106SML016M
33.16
26
4x5.4
10
35
106SML035M
23.21
34
5x5.4
10
35
106SML035MD4
23.21
24
4x5.4
10
50
106SML050MD5
19.894
41
5x5.4
10
50
106SML050M
19.894
43
6.3x5.4
10
63
106SML063MEL
19.89
50
6.3x7.7
10
63
106SML063M
19.89
34
6.3x5.4
10
100
106SML100M
16.57
50
6.3x7.7
10
100
106SML100MD8
16.579
85
8x10.5
22
6.3
226SML6R3M
21.1
31
4x5.4
22
16
226SML016M
12.057
44
5x5.4
22
16
226SML016MD4
12.057
30
4x5.4
22
25
226SML025MD5
12.06
38
5x5.4
22
35
226SML035M
10.55
59
6.3x5.4
22
50
226SML050M
9.043
71
6.3x5.4
22
63
226SML063MD8
9.043
120
8x10.5
22
63
226SML063M
9.04
70
6.3x7.7
22
100
226SML100M
7.54
120
8x10.5
33
4
336SML004M
17.58
31
4x5.4
33
10
336SML010MD4
12.057
34
4x5.4
33
10
336SML010M
12.057
48
5x5.4
33
25
336SML025M
8.038
67
6.3x5.4
33
25
336SML025MD5
8.038
46
5x5.4
33
35
336SML035M
7.033
65
6.3x5.4
33
50
336SML050M
6.029
85
6.3x7.7
33
50
336SML050MD8
6.029
95
8x6.2
33
63
336SML063M
6.03
117
8x10.5
33
100
336SML100M
5.02
100
8x10.5
47
4
476SML004M
12.35
37
4x5.4
47
6.3
476SML6R3MD4
9.877
40
4x5.4
47
6.3
476SML6R3M
9.877
52
5x5.4
47
16
476SML016M
7.055
75
6.3x5.4
47
16
476SML016MD5
7.055
52
5x5.4
47
25
476SML025M
5.644
70
6.3x5.4
47
35
476SML035M
4.938
70
6.3x5.8
47
35
476SML035MD8
4.938
105
8x6.2
47
50
476SML050M
4.23
105
6.3x7.7
47
50
476SML050MD8
4.23
140
8x10.5
47
63
476SML063M
4.23
170
8x10.5
47
100
476SML100M
3.5274
130
10x10.5
68
6.3
686SML6R3M
6.826
50
5x5.4
68
16
686SML016M
4.876
78
6.3x5.4
100
4
107SML004M
5.83
63
5x5.4
100
6.3
107SML6R3M
4.642
54
5x5.4
100
16
107SML016M
3.316
103
6.3x5.4
100
25
107SML025M
2.653
145
8x6.2


Similar Part No. - 106SML016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106SML016M ILLINOISCAPACITOR-106SML016M Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
106SML016M ILLINOISCAPACITOR-106SML016M Datasheet
239Kb / 3P
   Small size ??Low cost
106SML016M ILLINOISCAPACITOR-106SML016M Datasheet
306Kb / 3P
   Small Size ??Low Cost
106SML016M ILLINOISCAPACITOR-106SML016M Datasheet
123Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 106SML016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106RSS016M ILLINOISCAPACITOR-106RSS016M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
107RSS035M ILLINOISCAPACITOR-107RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
106TTA035MSD ILLINOISCAPACITOR-106TTA035MSD Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
226TTA100M ILLINOISCAPACITOR-226TTA100M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107AXZ050M ILLINOISCAPACITOR-107AXZ050M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
logo
AVX Corporation
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
   EMI Filtering, Broadband Filtering, LCD Filtering
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
logo
Solid States Devices, I...
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com