Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106KXM063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 106KXM063M
Description  Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106KXM063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  106KXM063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106KXM063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 106KXM063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KXM
+105°C, High Voltage Low
Impedance Long Life, 5000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C/
-10°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
470
100
477KXM100M
0.3527 0.049/0.132
1920
16x40
470
100
477KXM100MRY
0.3527 0.056/0.157
1775
18x35
560
6.3
567KXM6R3M
0.6513
0.072/0.22
760
8x11.5
560
35
567KXM035M
0.3553 0.022/0.066
2150
10x25
560
50
567KXM050M
0.296
0.023/0.059
2410
12.5x25
560
63
567KXM063M
0.296
0.036/0.072
1950
12.5x40
560
63
567KXM063MRU
0.296
0.04/0.08
1725
18x20
560
100
567KXM100M
0.296
0.043/0.116
2050
18x35
680
10
687KXM010M
0.4632
0.056/0.17
995
8x16
680
10
687KXM010MLN
0.4632 0.077/0.194
760
10x12.5
680
16
687KXM016MLQ
0.3901 0.074/0.184
880
10x16
680
16
687KXM016M
0.3901
0.041/0.13
1250
8x20
680
25
687KXM025M
0.3413 0.023/0.069
1820
10x20
680
35
687KXM035M
0.2926 0.021/0.053
2150
12.5x20
680
50
687KXM050M
0.2438 0.021/0.052
2860
12.5x30
680
63
687KXM063M
0.195
0.033/0.066
2050
16x30
680
63
687KXM063MRV
0.195
0.036/0.072
1950
18x25
680
100
687KXM100M
0.195
0.038/0.103
2300
18x40
820
6.3
827KXM6R3M
0.4448
0.056/0.17
995
8x16
820
25
827KXM025M
0.283
0.022/0.066
2150
10x25
820
50
827KXM050M
0.2022 0.019/0.023
3960
12.5x35
820
63
827KXM063M
0.2022
0.03/0.06
2225
16x35
820
63
827KXM063MRW
0.2022 0.032/0.064
2100
18x30
1000
6.3
108KXM6R3M
0.3647
0.053/0.16
1030
10x12.5
1000
10
108KXM010M
0.315
0.041/0.13
1250
8x20
1000
10
108KXM010MLQ
0.315
0.063/0.158
1430
10x16
1000
16
108KXM016M
0.2653 0.023/0.069
1820
10x20
1000
25
108KXM025M
0.199
0.021/0.053
2360
12.5x20
1000
35
108KXM035M
0.1989 0.018/0.045
2770
12.5x25
1000
50
108KXM050M
0.1658 0.021/0.056
2850
16x25
1000
63
108KXM063M
0.1658 0.028/0.056
2375
16x40
1000
63
108KXM063MRY
0.1658
0.03/0.06
2280
18x35
1200
6.3
128KXM6R3M
0.3039
0.041/0.13
1250
8x20
1200
6.3
128KXM6R3MLQ
0.3039 0.058/0.144
1430
10x16
1200
10
128KXM010M
0.2901 0.023/0.069
1820
10x20
1200
16
128KXM016M
0.221
0.022/0.066
2150
10x25
1200
25
128KXM025M
0.1934
0.05/0.124
1730
12.5x20
1200
35
128KXM035M
0.1658 0.016/0.041
3290
12.5x30
1200
50
128KXM050M
0.1382 0.042/0.083
2710
16x30
1200
63
128KXM063M
0.1243 0.026/0.052
2500
18x40
1500
6.3
158KXM6R3M
0.2432 0.023/0.069
1820
10x20
1500
10
158KXM010M
0.21
0.022/0.066
2150
10x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C/
-10°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
1500
16
158KXM016M
0.1768 0.021/0.053
2360
12.5x20
1500
25
158KXM025M
0.1547 0.018/0.045
2770
12.5x25
1500
35
158KXM035MQV
0.1326
0.04/0.079
2700
16x25
1500
35
158KXM035M
0.1326 0.015/0.039
3400
12.5x35
1500
50
158KXM050M
0.1326 0.035/0.071
3010
16x35
1800
25
188KXM025M
0.1289 0.016/0.041
3290
12.5x30
1800
35
188KXM035M
0.1105 0.016/0.043
3460
16x25
2200
6.3
228KXM6R3M
0.1658 0.022/0.066
1980
10x25
2200
10
228KXM010M
0.1733 0.021/0.053
2150
12.5x20
2200
16
228KXM016M
0.1206 0.018/0.045
2770
12.5x25
2200
25
228KXM025M
0.1055 0.015/0.039
3400
12.5x35
2200
25
228KXM025MQV
0.1055 0.032/0.065
2390
16x25
2200
35
228KXM035M
0.0904 0.031/0.077
2880
16x30
2200
50
228KXM050M
0.1055 0.027/0.055
3690
18x35
2700
16
278KXM016M
0.0982 0.016/0.041
3290
12.5x30
2700
25
278KXM025M
0.086
0.016/0.043
3000
16x25
3300
6.3
338KXM6R3M
0.1105 0.021/0.053
2080
12.5x20
3300
10
338KXM010M
0.0955 0.018/0.045
2770
12.5x25
3300
16
338KXM016M
0.0804 0.015/0.039
3150
12.5x35
3300
16
338KXM016MQV
0.0804 0.029/0.057
2200
16x25
3300
25
338KXM025M
0.0703 0.027/0.054
3020
16x30
3300
35
338KXM035M
0.0603 0.026/0.064
3650
18x35
3300
50
338KXM050M
0.0804 0.023/0.046
4350
18x40
3900
6.3
398KXM6R3M
0.0935 0.018/0.045
2470
12.5x25
3900
10
398KXM010M
0.0808 0.016/0.041
3290
12.5x30
3900
16
398KXM016M
0.068
0.016/0.043
3460
16x25
4700
6.3
478KXM6R3M
0.0776 0.016/0.041
3290
12.5x30
4700
10
478KXM010M
0.067
0.015/0.039
3400
12.5x35
4700
10
478KXM010MQV
0.067
0.025/0.051
2350
16x25
4700
16
478KXM016M
0.0564 0.024/0.048
2670
16x30
4700
25
478KXM025M
0.0494 0.023/0.046
3700
18x35
5600
6.3
568KXM6R3M
0.0651 0.015/0.039
3400
12.5x35
5600
10
568KXM010M
0.0562 0.016/0.043
3018
16x25
6800
6.3
688KXM6R3M
0.0536 0.016/0.043
3250
16x25
6800
10
688KXM010M
0.0463 0.023/0.045
2850
16x30
6800
16
688KXM016M
0.039
0.022/0.043
3280
18x35
10000
6.3
109KXM6R3M
0.0365 0.022/0.043
3000
16x30
10000
10
109KXM010M
0.0315 0.021/0.041
3430
18x35
10000
16
109KXM016M
0.0265 0.019/0.039
3670
18x40
15000
6.3
159KXM6R3M
0.0243
0.02/0.041
3610
18x35
15000
10
159KXM010M
0.021
0.019/0.039
3850
18x40


Similar Part No. - 106KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
137Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 106KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
KXM ILLINOISCAPACITOR-KXM Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com