Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227XMPL2R5MG28R Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227XMPL2R5MG28R
Description  Decoupling . Noise Suppression
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227XMPL2R5MG28R Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227XMPL2R5MG28R Datasheet HTML 1Page - Illinois Capacitor, Inc. 227XMPL2R5MG28R Datasheet HTML 2Page - Illinois Capacitor, Inc. 227XMPL2R5MG28R Datasheet HTML 3Page - Illinois Capacitor, Inc. 227XMPL2R5MG28R Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb-17
FEATURES
Small Size
Low Impedance Halogen Free Epoxy RoHS Compliant
Stable with Temperature, Applied Voltage and Frequency
APPLICATIONS
Decoupling
Noise Suppression
Operating
Temperature Range
-40°C to +105°C
Capacitance
Tolerance
+20% (M), -35% +10% (Y)
120 Hz, 20°C
Surge
Voltage
WVDC
2
2.5
4
6.3
10
12.5
16
SVDC
1.25*WVDC
Dissipation
Factor
WVDC
2
2.5
4
6.3
10
12.5
16
Tan
δ
.06
Leakage Current
(25°C) MAX
Time
<10 VDC
>12.5 VDC
2 Minutes
0.04CV
0.1CV
Load Life
1000 hours at 105°C with rated WVDC applied
Capacitance Change
<10% of initial measured value
Dissipation Factor
<100% of maximum specified value
Leakage Current
<100% of maximum specified value
Moisture Resistance
Test
500 hours at 60°C and 90% relative Humidity with no voltage applied
Capacitance Change
<20% to +70% of initially measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Moisture Sensitivity
Level (MSL)
3
Case
size
EIA
Code
L+0.2
W+0.2
T+0.2
W1+0.1
S+0.3
G19
7343
7.3
4.3
1.9
2.4
1.3
G28
7343
7.3
4.3
2.8
2.4
1.3


Similar Part No. - 227XMPL2R5MG28R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227XMPL2R5MG28R ILLINOISCAPACITOR-227XMPL2R5MG28R Datasheet
256Kb / 5P
   SMD Solid Conductive (multilayer-type)
227XMPL2R5MG28R ILLINOISCAPACITOR-227XMPL2R5MG28R Datasheet
382Kb / 4P
   Small Size ??Low Impedance ??Halogen Free Epoxy ??RoHS Compliant ??Stable with Temperature, Applied Voltage and Frequency
227XMPL2R5MG28R ILLINOISCAPACITOR-227XMPL2R5MG28R Datasheet
117Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
More results

Similar Description - 227XMPL2R5MG28R

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   One device for EMI suppression or decoupling
logo
Okaya Electric America,...
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
   NOISE SUPPRESSION CAPACITOR
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
   NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
XYES-224332-BM OKAYA-XYES-224332-BM Datasheet
346Kb / 1P
   NOISE SUPPRESSION CAPACITOR
3XYG1003 OKAYA-3XYG1003 Datasheet
73Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA103-L OKAYA-PA103-L_14 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com